Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4474 Arkusz danych(PDF) 5 Page - TEMIC Semiconductors

Numer części TDA4474
Szczegółowy opis  Multistandard Video-IF and Quasi Parallel Sound Processing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4474 Arkusz danych(HTML) 5 Page - TEMIC Semiconductors

  TDA4474 Datasheet HTML 1Page - TEMIC Semiconductors TDA4474 Datasheet HTML 2Page - TEMIC Semiconductors TDA4474 Datasheet HTML 3Page - TEMIC Semiconductors TDA4474 Datasheet HTML 4Page - TEMIC Semiconductors TDA4474 Datasheet HTML 5Page - TEMIC Semiconductors TDA4474 Datasheet HTML 6Page - TEMIC Semiconductors TDA4474 Datasheet HTML 7Page - TEMIC Semiconductors TDA4474 Datasheet HTML 8Page - TEMIC Semiconductors TDA4474 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TELEFUNKEN Semiconductors
TDA4474
Preliminary Information
Rev. A1: 17.08.1995
5 (17)
SIF amplifier output is multiplied in phase with the
limited SIF signal (AM is removed). The AF signal of the
demodulator output is fed to the output amplifier and to
the SIF–AGC. For all TV standards with negative video
modulation (e.g. B/G standard) the AF output signal
(Pin 27) is switched off by the standard switch.
Quasi–Parallel–Sound (QPS) mixer
The QPS mixer is realized by a multiplier. The SIF signal
(FM or NICAM carrier) is converted to the intercarrier
frequency by the regenerated picture carrier (quadrature
signal) which is provided from the VCO. The intercarrier
signal is fed via an output amplifier to Pin 26.
Standard Switch
To have equal polarity of the video output signal the
polarity can be switched in the demodulation stage in
accordance with the TV standard. Additional a standard
dependent DC level shift in the video amplifier delievers
the same sync level. Parallel the correct VIF–AGC is
selected for positive or negative modulated VIF signals.
In case of negative modulation (e.g. B/G standard) the
AM output signal is switched off. If the standard for
positive modulation (L standard) is selected the AM
demodulator and QPS mixer is active. This condition
allows a parallel operation of the AM sound signal and the
NICAM–L stereo sound.
L’ Switch and VIF Input Selection
For positive modulated signals (L/L’ standard) Pin 16
works as L’ switch. With a control voltage the VCO
frequency can be switched for setting to the required
L’ value (L’ standard). Also a fine adjustment of the
L’-VCO centre frequency is possible by a potentiometer.
The L’ switch is only active for positive modulated video
IF signals (standard switch in L mode). In this mode the
video IF input 2 (VIF2) is forced by the standard switch.
The possibility to select VIF1 input is given by
connecting VIF2 input (Pin 10 or 11) via 10 k resistor to
ground.
If negative modulation (B/G mode) is selected pin 16 op-
erates as an input selection switch for the two VIF inputs.
AFC Switch
The AFC output signal at Pin 24 can be controlled by a
switching voltage at Pin 21. It is possible to select an AFC
output signal with rising– or falling AFC curve and to
switch off the AFC.
Internal Voltage Stabilizer
The
internal
bandgap
reference
ensures
constant
performance
independant
of
supply
voltage
and
temperature.
Absolute maximum values
Reference point pin 4 (9, 18), unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage
Pin 25
Vs
9 0
V
Supply current
Pin 25
Is
85
mA
Power dissipation, Vs = + 9 V
P
765
mW
Output currents
Pin 14 26, 27
Iout
5
mA
External voltages
Pins 1, 2, 5–8, 10–12,
14, 16, 19, 20, 26–30
Vext
+ 4.5
V
Pins 17, 22, 23
+ 3.5
V
Pin 13
+ 13 5
V
Pins 3, 15, 21, 24
Vs
V
Junction temperature
Tjunc
+125
°C
Storage temperature
Tstor
25 to +125
°C
Electrostatic handling *)
all pins
VESD
300
V
*) Equivalent to discharging a 200 pF capacitor through a 0 resistor
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage range
Pin 25
Vs
4 5 to 9 0
V
Ambient temperature
Tamb
0 to +85
°C


Podobny numer części - TDA4474

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TDA4470 TEMIC-TDA4470 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MFLG3 TEMIC-TDA4470-MFLG3 Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-MSD TEMIC-TDA4470-MSD Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
More results

Podobny opis - TDA4474

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com