Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP733 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP733
Szczegółowy opis  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP733 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP733 Datasheet HTML 1Page - Toshiba Semiconductor TLP733 Datasheet HTML 2Page - Toshiba Semiconductor TLP733 Datasheet HTML 3Page - Toshiba Semiconductor TLP733 Datasheet HTML 4Page - Toshiba Semiconductor TLP733 Datasheet HTML 5Page - Toshiba Semiconductor TLP733 Datasheet HTML 6Page - Toshiba Semiconductor TLP733 Datasheet HTML 7Page - Toshiba Semiconductor TLP733 Datasheet HTML 8Page - Toshiba Semiconductor TLP733 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP733,TLP734
2002-09-25
4
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
600
%
60
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
%
Base photo
-current
IPB
IF = 5 mA, VCB = 5 V
10
%
IC = 2.4 mA, IF = 8 mA
0.4
0.2
Collector
-emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
1×10
12
10
14
AC, 1 minute
4000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
-on time
tON
3
10
Turn
-off time
tOFF
VCC = 10 V, IC = 2 mA
RL = 100Ω
3
10
µs
Turn
-on time
tON
3
Storage time
tS
40
Turn
-off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = open
VCC = 5 V, IF = 16 mA
90
µs
Turn
-on time
tON
3
Storage time
tS
30
Turn
-off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = 220 kΩ (TLP733)
VCC = 5 V, IF = 16 mA
60
µs


Podobny numer części - TLP733

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP733 TOSHIBA-TLP733 Datasheet
187Kb / 10P
   Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
186Kb / 2P
   Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
   Office Machine Switching Power Supply
TLP733F TOSHIBA-TLP733F_07 Datasheet
186Kb / 2P
   Switching Power Supply
TLP733 TOSHIBA-TLP733_07 Datasheet
187Kb / 10P
   Switching Power Supply
More results

Podobny opis - TLP733

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP549J TOSHIBA-TLP549J Datasheet
248Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP741J TOSHIBA-TLP741J Datasheet
291Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
TLP748JF TOSHIBA-TLP748JF Datasheet
136Kb / 4P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G Datasheet
256Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
   Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com