Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7185 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADV7185
Szczegółowy opis  Professional NTSC/PAL Video Decoder with 10-Bit CCIR656 Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7185 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADV7185 Datasheet HTML 6Page - Analog Devices ADV7185 Datasheet HTML 7Page - Analog Devices ADV7185 Datasheet HTML 8Page - Analog Devices ADV7185 Datasheet HTML 9Page - Analog Devices ADV7185 Datasheet HTML 10Page - Analog Devices ADV7185 Datasheet HTML 11Page - Analog Devices ADV7185 Datasheet HTML 12Page - Analog Devices ADV7185 Datasheet HTML 13Page - Analog Devices ADV7185 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
–10–
ADV7185
clamping. Also, in YCrCb component input mode there are two
clamp controllers used to control the luminance clamping and
the CrCb clamping separately; there are, however, individual
current clamps on the Cr and Cb inputs.
User programmability is built into the clamp controllers which
enable the current and digital clamp controllers to be set up to
user-defined conditions. Refer to analog clamp control register
(14h), digital clamp control register (15h), and digital color
clamp offset register (15h and 16h) for control settings.
ANALOG-TO-DIGITAL CONVERTERS
Two 12-bit ADCs are used in the ADV7185, and they run from
a 27 MHz input clock. An integrated band gap generates the
required reference voltages for the converters. If the decoder is
configured in CVBS mode, the second ADC can be switched off
to reduce power consumption; see PSC[1:0].
AUTOMATIC GAIN CONTROL
The AGC control block on the ADV7185 is a digitally based
system. This controller ensures that the input video signal
(CVBS, S-video, or YCrCb) is scaled to its correct value such
that the YCrCb digital output data matches the correct gain of
the video signal. The AGC has an analog input video range of
0.5 V p-p to 2.0 V p-p, which gives a –6 dB to +6 dB gain
range. Figure 6 demonstrates this range. This AGC range will
compensate for video signals that have been incorrectly termi-
nated or have been attenuated due to cable loss, or other factors.
There are two main control blocks: one for the luminance channel
and one for the chrominance channel.
The luminance automatic gain control has eight modes of
operation:
1. Manual AGC mode where gain for luminance path is set
manually using LGM[11:0].
2. Blank level to sync tip is used to set luminance gain; manual
MIRE[2:0] controls the maximum value through luminance
channel. There is no override of this mode when white peak
mode is detected.
3. Blank level to sync tip is used to set luminance gain; manual
MIRE[2:0] controls the maximum value through luminance
channel. There is override of this mode when white peak
mode is detected. White peak mode is activated when the
input video exceeds the maximum luminance range for long
periods, this mode is designed to prevent clipping of the
input video signal.
4. Blank level to sync tip is used to set luminance gain;
MIRE[2:0] is automatically controlled to set the maximum
value through the luminance channel. There is no override
of this mode when white peak mode is detected.
5. Blank level to sync tip is used to set luminance gain; manual
MIRE[2:0] is automatically controlled to set the maximum
value through the luminance channel. There is override of
this mode when white peak mode is detected. White peak
mode is activated when the input video exceeds the maxi-
mum luminance range for long periods; this mode is designed
to prevent clipping of the input video signal.
6. Based on the active video peak white. PW_UPD sets the gain
update frequency (once per video per field).
7. Based on the average active video. PW_RES sets what lines are
used, only relevant if the signal conforms to PAL 625 line standard.
8. The luminance channel gain is frozen at its present value.
6
0
–6
0
RANGE = 12dB
MAXIMUM
MINIMUM
Figure 6. Analog Input Range
The chrominance automatic gain control has four modes of
operation:
1. Manual AGC mode where gain for chrominance path is set
manually using CGM[11:0].
2. Luminance gain used for chrominance channel.
3. Chrominance automatic gain based on color burst amplitude.
4. Chrominance gain frozen at its present setting.
Both the luminance and chrominance AGC controllers have a
programmable time constant that allows the AGC to operate in
four modes: slow, medium, fast, and video quality controlled.
The maximum IRE (MIRE[2:0]) control can be used to set the
maximum input video range that can be decoded. Table I shows
the selectable range.
Table I. MIRE Control
Function
MIRE[2:0]
PAL (IRE)
NTSC (IRE)
000
133
122
001
125
115
010
120
110
011
115
105
100
110
100
101
105
100
110
100
100
111
100
100


Podobny numer części - ADV7185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCP32Z AD-ADV7180BCP32Z Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCP32Z-RL AD-ADV7180BCP32Z-RL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Podobny opis - ADV7185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com