Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N137-X006 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części 6N137-X006
Szczegółowy opis  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X006 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  6N137-X006 Datasheet HTML 1Page - Vishay Siliconix 6N137-X006 Datasheet HTML 2Page - Vishay Siliconix 6N137-X006 Datasheet HTML 3Page - Vishay Siliconix 6N137-X006 Datasheet HTML 4Page - Vishay Siliconix 6N137-X006 Datasheet HTML 5Page - Vishay Siliconix 6N137-X006 Datasheet HTML 6Page - Vishay Siliconix 6N137-X006 Datasheet HTML 7Page - Vishay Siliconix 6N137-X006 Datasheet HTML 8Page - Vishay Siliconix 6N137-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number 82584
Rev. 1.8, 13-Aug-04
6N137/ SFH6741 / 42 / 50 / 51 / 52
Vishay Semiconductors
Switching Characteristics
Over Recommended Temperature (Ta = - 40 to + 100 °C), VCC = 5 V, IF = 7.5 mA unless otherwise specified.
All Typicals at Ta = 25 °C, VCC = 5 V.
* 75ns applies to the 6N137 only, a JEDEC registered specification
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Propagation delay time to high
output level
RL = 350 Ω, CL = 15 pF
tPLH
20
48
75*
ns
tPLH
100
ns
Propagation delay time to low
output level
RL = 350 Ω, CL = 15 pF
tPHL
25
50
75*
ns
tPHL
100
ns
Pulse width distortion
RL = 350 Ω, CL = 15 pF
| tPHL - tPLH |
2.9
35
ns
Propagation delay skew
RL = 350 Ω, CL = 15 pF
tPSK
840
ns
Output rise time (10 - 90 %)
RL = 350 Ω, CL = 15 pF
tr
23
ns
Output fall time (90 - 10 %)
RL = 350 Ω, CL = 15 pF
tf
7ns
Propagation delay time of
enable from VEH to VEL
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tELH
12
ns
Propagation delay time of
enable from VEL to VEH
RL = 350 Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tEHL
11
ns
Figure 1. Single Channel Test Circuit for tPLH, tPHL, tr and tf
1
2
3
4
8
7
6
5
18964-1
The Probe and Jig Capacitances are included in C
InputIF
OutputVO
IF
0mA
VOH
1.5 V
tPLH
tPHL
VOL
C = 15 pF
GND
0.1
µF
Bypass
VCC
VOUT
VCC
IF
R
RL
5V
InputIF
Monitoring
Node
OutputVO
Monitoring
Node
L
Single Channel
Pulse Gen.
Z= 50
t = t =5ns
o
f
r
M
L
= 7.5 mA
IF =3.75mA
VE


Podobny numer części - 6N137-X006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
6N137-X006 VISHAY-6N137-X006 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137-X006 VISHAY-6N137-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X006 VISHAY-6N137-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
6N137-X006 VISHAY-6N137-X006 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Podobny opis - 6N137-X006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com