Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC774 Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADC774
Szczegółowy opis  Microprocessor-Compatible
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC774 Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  ADC774 Datasheet HTML 1Page - Burr-Brown (TI) ADC774 Datasheet HTML 2Page - Burr-Brown (TI) ADC774 Datasheet HTML 3Page - Burr-Brown (TI) ADC774 Datasheet HTML 4Page - Burr-Brown (TI) ADC774 Datasheet HTML 5Page - Burr-Brown (TI) ADC774 Datasheet HTML 6Page - Burr-Brown (TI) ADC774 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
®
ADC774
*Same specification as ADC774JH, JP, SH.
NOTES: (1) With fixed 50
Ω resistor from Ref Out to Ref In. This parameter is also adjustable to zero at +25C. (2) FS in this specification table means Full Scale Range.
That is, for a
±10V input range FS means 20V; for a 0V to +10V range, FS means 10V. The term Full Scale for these specification instead of Full-Scale Range is used
to be consistent with other vendors' specifications tables. (3) Using internal reference. (4) See “Controlling the ADC774” section for detailed information concerning
digital timing. (5) The Harris HI-774 uses a subranging/error correction technique that allows one to begin conversion before a preceding sample-hold or multiplexer
has settled to
±1/2LSB. For 12-bit accurate conversions, the input transient to the ADC774 must settle to less than ±1/2LSB before conversion is started. The ADC774
is compatible with HI-774 in all other respects. (6) External loading must be constant during conversion. The reference output requires no buffer amplifier with either
±12V or ±15V power supplies.
SPECIFICATIONS (CONT)
ELECTRICAL
TA = +25°C, VCC = +12V or +15V, VEE = –12V or –15V, VLOGIC = +5V unless otherwise specified.
ADC774J, ADC774SH
ADC774K, ADC774TH
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE VOLRAGE
Voltage
+9.9
+10
+10.1
*
*
*
V
Source Current Available for External Loads (6)
2.0
*
mA
POWER SUPPLY REQUIREMENTS
Voltage: VCC
+11.4
+16.5
*
*
V
VEE
–11.4
–16.5
*
*
V
VLOGIC
+4.5
+5.5
*
*
V
Current: ICC
3.5
5
*
*
mA
IEE
15
20
*
*
mA
ILOGIC
915
*
*
mA
Power Dissipation (
±15V Supplies)
`
325
450
*
*
mW
TEMPERATURE RANGE (Ambient: TMIN , TMAX )
Specifications: J, K Grades
0
+75
*
*
°C
S, T Grades
–55
+125
*
*
°C
Storage
–65
+150
*
*
°C
PIN CONFIGURATION
Top View
DIP
+5VDC Supply (V
)
12/8
CS
A
R/C
CE
+V
Ref Out
Analog Common
Ref In
V
Bipolar Offset
10V Range
20V Range
STATUS
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
Digital Common
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LOGIC
CC
EE
5
10k
10V
Reference
12-Bit
D/A
Converter
Control
Logic
Power-up Reset
Clock
12 Bits
Comparator
12 Bits
O
5
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Podobny numer części - ADC774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Podobny opis - ADC774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
logo
National Semiconductor ...
TP3058 NSC-TP3058 Datasheet
433Kb / 11P
   MICROPROCESSOR COMPATIBLE COMBO-R
logo
STMicroelectronics
STPCCONSUMER STMICROELECTRONICS-STPCCONSUMER Datasheet
726Kb / 51P
   PC Compatible Embeded Microprocessor
8/2/00
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
STMicroelectronics
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
logo
National Semiconductor ...
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com