Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDZ7064S Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDZ7064S
Szczegółowy opis  30V N-Channel PowerTrench SyncFET BGA MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ7064S Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDZ7064S Datasheet HTML 1Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 2Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 3Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 4Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 5Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 6Page - Fairchild Semiconductor FDZ7064S Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
FDZ7064S Rev. B2 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 1mA
30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 10mA, Referenced to 25°C
26
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
uA
IGSS
Gate–Body Leakage
VGS = ±16 V, VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 1mA
1
1.4
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 10mA, Referenced to 25°C
–0.5
mV/°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 13.5 A
VGS = 4.5 V, ID = 12 A
VGS=10 V, ID=13.5A, TJ =125°C
6
7
9
7
9
11
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 13.5 A
66
S
Dynamic Characteristics
Ciss
Input Capacitance
2840
pF
Coss
Output Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
525
pF
Crss
Reverse Transfer Capacitance
190
pF
RG
Gate Resistance
VGS = 15 mV, ID = 6 A
1.9
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
50
80
ns
tf
Turn–Off Fall Time
VDS = 15 V,
ID = 1 A,
VGS = 10 V, RGEN = 6
18
32
ns
Qg
Total Gate Charge
25
35
nC
Qgs
Gate–Source Charge
7
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 13.5 A,
VGS = 5 V
6
nC
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.2 A
(Note 1)
0.4
0.7
V
trr
Diode Reverse Recovery Time
22
ns
Qrr
Diode Reverse Recovery Charge
IF = 13.5 A, diF/dt = 300 A/µs
See Diode Characteristic, page
5
19
nC
Notes:
1.
R
is determined with the device mounted on a 1 in² 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to
the circuit board side of the solder ball, R
, is defined for reference. For R
, the thermal reference point for the case is defined as the top surface of the
copper chip carrier. R
and R
are guaranteed by design while R
is determined by the user's board design.
a)
56°C/W when
mounted on a 1in2 pad
of 2 oz copper
b) 119°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Podobny numer części - FDZ7064S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
More results

Podobny opis - FDZ7064S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com