Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21160MKB-80 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADSP-21160MKB-80
Szczegółowy opis  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21160MKB-80 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADSP-21160MKB-80 Datasheet HTML 3Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 4Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 5Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 6Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 7Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 8Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 9Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 10Page - Analog Devices ADSP-21160MKB-80 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
–7–
REV. 0
ADSP-21160M
Development Tools
The ADSP-21160M is supported with a complete set of
software and hardware development tools, including Analog
Devices’ emulators and VisualDSP++1 development envi-
ronment. The same emulator hardware that supports other
ADSP-2116x DSPs, also fully emulates the
ADSP-21160M.
The VisualDSP++ project management environment lets
programmers develop and debug an application. This envi-
ronment includes an easy-to-use assembler that is based on
an algebraic syntax; an archiver (librarian/library builder),
a linker, a loader, a cycle-accurate instruction-level simula-
tor, a C/C++ compiler, and a C/C++ run-time library that
includes DSP and mathematical functions. Two key points
for these tools are:
• Compiled ADSP-2116x C/C++ code efficiency—the
compiler has been developed for efficient translation of
C/C++ code to ADSP-2116x assembly. The DSP has
architectural features that improve the efficiency of
compiled C/C++ code.
• ADSP-2106x family code compatibility—The assembler
has legacy features to ease the conversion of existing
ADSP-2106x applications to the ADSP-2116x.
Debugging both C/C++ and assembly programs with the
VisualDSP++ debugger, programmers can:
• View mixed C/C++ and assembly code (interleaved
source and object information)
• Insert break points
• Set conditional breakpoints on registers, memory, and
stacks
• Trace instruction execution
• Perform linear or statistical profiling of program
execution
• Fill, dump, and graphically plot the contents of memory
• Source level debugging
• Create custom debugger windows
The VisualDSP++ IDE lets programmers define and
manage DSP software development. Its dialog boxes and
property pages let programmers configure and manage all
of the ADSP-2116x development tools, including the syntax
highlighting in the VisualDSP++ editor. This capability
permits:
• Control how the development tools process inputs and
generate outputs.
• Maintain a one-to-one correspondence with the tool’s
command line switches.
Analog Devices’ DSP emulators use the IEEE 1149.1 JTAG
test access port of the ADSP-21160M processor to monitor
and control the target board processor during emulation.
The emulator provides full-speed emulation, allowing
inspection and modification of memory, registers, and
processor stacks. Nonintrusive in-circuit emulation is
assured by the use of the processor’s JTAG interface—the
emulator does not affect target system loading or timing.
In addition to the software and hardware development tools
available from Analog Devices, third parties provide a wide
range of tools supporting the ADSP-2116x processor
family. Hardware tools include ADSP-2116x PC plug-in
cards. Third Party software tools include DSP libraries,
real-time operating systems, and block diagram
design tools.
Designing an Emulator-Compatible DSP Board
(Target)
The White Mountain DSP (Product Line of Analog
Devices, Inc.) family of emulators are tools that every DSP
developer needs to test and debug hardware and software
systems. Analog Devices has supplied an IEEE 1149.1
JTAG Test Access Port (TAP) on each JTAG DSP. The
emulator uses the TAP to access the internal features of the
DSP, allowing the developer to load code, set breakpoints,
observe variables, observe memory, and examine registers.
The DSP must be halted to send data and commands, but
once an operation has been completed by the emulator, the
DSP system is set running at full speed with no impact on
system timing.
To use these emulators, the target’s design must include the
interface between an Analog Devices’ JTAG DSP and the
emulation header on a custom DSP target board.
Target Board Header
The emulator interface to an Analog Devices’ JTAG DSP
is a 14-pin header, as shown in Figure 6. The customer must
supply this header on the target board in order to commu-
nicate with the emulator. The interface consists of a
standard dual row 0.025" square post header, set on
0.1"
0.1" spacing, with a minimum post length of 0.235".
Pin 3 is the key position used to prevent the pod from being
inserted backwards. This pin must be clipped on the
target board.
Figure 5. Analog Power (AVDD) Filter Circuit
1 VisualDSP++ is a registered trademark of Analog Devices, Inc.
9'',17
$9''
$*1'
 )
 )



Podobny numer części - ADSP-21160MKB-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21160MKB-80 AD-ADSP-21160MKB-80 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160MKB-80 AD-ADSP-21160MKB-80 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160MKB-80 TI-ADSP-21160MKB-80 Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
More results

Podobny opis - ADSP-21160MKB-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com