Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7466313R Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7466313R
Szczegółowy opis  REDCUBE SMD right angled with Pins WP-SMRA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7466313R Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7466313R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7466313R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WP-SMRA of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Product Specific:
Follow all instructions in the datasheet, especially:
• The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be
sustained. Surface discoloration due to reflow processing is permitted.
• Wave soldering is not applicable. Reflow soldering is recommended.
• All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can´t
be warranted.
• Violation of the technical product specifications such as exceeding the nominal rated current will result in loss of warranty.
• The maximum permissible torques must be complied with to prevent mechanical destruction of the elements and PCB.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
REDCUBE SMD right angled with
Pins WP-SMRA
ORDER CODE
7466313R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
002.000
Valid
2017-03-15
eiCan
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 7466313R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
More results

Podobny opis - 7466313R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7466310R WURTH-7466310R Datasheet
381Kb / 5P
   REDCUBE SMD right angled with Pins WP-SMRA
7466300R WURTH-7466300R Datasheet
356Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466303R WURTH-7466303R Datasheet
355Kb / 5P
   REDCUBE SMD right angled without Pins WP-SMRA
7466204R WURTH-7466204R Datasheet
395Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
001.002
7466005R WURTH-7466005R Datasheet
411Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
746600430R WURTH-746600430R Datasheet
391Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
7466105R WURTH-7466105R Datasheet
412Kb / 5P
   REDCUBE SMD with internal blindhole thread with Pin WP-SMBU
7466205R WURTH-7466205R Datasheet
411Kb / 5P
   REDCUBE SMD with internal blind-hole thread WP-SMBU
7466004R WURTH-7466004R Datasheet
399Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
001.002
746600330R WURTH-746600330R Datasheet
390Kb / 5P
   REDCUBE SMD with internal through-hole thread WP-SMBU
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com