Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE1248 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE1248
Szczegółowy opis  Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1248 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE1248 Datasheet HTML 1Page - NTE Electronics NTE1248 Datasheet HTML 2Page - NTE Electronics NTE1248 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 12V, VIN = 350mV, L + R = 90%, Pilot = 10%,
f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage
VIN1
THD = 1%, L + R = 90%, P = 10%
350
mV
VIN2
THD = 1%
350
mV
Input Impedance
Zin
30
k
Channel Separation
Sep
35
40
dB
Output Voltage
VOUT
VIN = 350mV
310
Channel Balance
CB
2
dB
Total Harmonic Distortion
THD
0.3
%
Lamp Voltage
Lon
Pilot Level
6.5
mV
Hysteresis
Hys
3
dB
Capture Range
CR
±5
%
Carrier Leak
CL
f = 19kHz
35
dB
f = 38kHz
45
dB
SCA Rejection Ratio
SCA–R L + R = 80%, P = 10%, SCA = 10%
80
dB
Threshold Voltage
VTH
1
V
Supply Voltage
VCC
5.4
14
V
Quiescent Current
IQ
15
mA
19kHZ Test Point
IF Muting Circuit
Phase Det Output to Switch
Separation Control
Rt Audio Output
Demodulate FM Input
Phase Det Output to Switch
Phase Det Input
Phase Det Output to VCO
Phase Det Output to VCO
GND
Lt Audio Output
Demodulate FM Input
VCC
VCO Frequency Control
Stereo Indicator Lamp
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
Pin Connection Diagram


Html Pages

1  2  3 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn