Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF2001 Arkusz danych(PDF) 1 Page - HY ELECTRONIC CORP.

Numer części UF2001
Szczegółowy opis  HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HY [HY ELECTRONIC CORP.]
Strona internetowa  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF2001 Arkusz danych(HTML) 1 Page - HY ELECTRONIC CORP.

  UF2001_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. UF2001_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. UF2001_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic
Polarity: Color band denotes cathode
Weight: 0.015 ounces , 0.4 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER201 HER202 HER203 HER204 HER205 HER206 HER207 HER208
UF2001 UF2002 UF2003 UF2004 UF2005 UF2006 UF2007 UF2008
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =50 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
CHARACTERISTICS
SYMBOL
UNIT
5.0
60
A
IFSM
1.7
1.0
1.3
-55 to +150
50
75
50
30
25
-55 to +150
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
3.Thermal resistance junction to ambient
HER20X / UF200X SERIES
100
μA
IR
I(AV)
A
HIGH EFFICIENCY (ULTRA FAST)
RECTIFIERS
REVERSE VOLTAGE
- 50
to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
2.0
DO-15
DIA
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
DIA.
.140(3.6)
.104(2.6)
1.0(25.4)
MIN.


Podobny numer części - UF2001_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001_17 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
More results

Podobny opis - UF2001_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER30X HY-HER30X_1 Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER101 HY-HER101_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF4001 HY-UF4001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER10X HY-HER10X_V01 Datasheet
424Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
HER30X HY-HER30X_V01 Datasheet
421Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com