Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB095N10KRQ8 Arkusz danych(PDF) 8 Page - Cystech Electonics Corp.

Numer części MTB095N10KRQ8
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095N10KRQ8 Arkusz danych(HTML) 8 Page - Cystech Electonics Corp.

  MTB095N10KRQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB095N10KRQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714Q8
Issued Date : 2017.06.21
Revised Date :
Page No. : 8/9
MTB095N10KRQ8
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
10-30 seconds
20-40 seconds
temperature(tp)
Ramp down rate
6
°C/second max.
6
°C/second max.
6 minutes max.
8 minutes max.
Time 25
°C to peak temperature
Note :1. All temperatures refer to topside of the package, measured on the package body surface.
2.For devices mounted on FR-4 PCB of 1.6mm or equivalent grade PCB. If other grade PCB is used, care
should be taken to match the coefficients of thermal expansion between components and PCB. If they are
not matched well, the solder joints may crack or the bodies of the parts may crack or shatter as the assembly
cools.


Podobny numer części - MTB095N10KRQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
MTB095N10KRQ8 DOINGTER-MTB095N10KRQ8 Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - MTB095N10KRQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com