Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD914WS-AU Arkusz danych(PDF) 5 Page - Pan Jit International Inc.

Numer części MMBD914WS-AU
Szczegółowy opis  SURFACE MOUNTSWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914WS-AU Arkusz danych(HTML) 5 Page - Pan Jit International Inc.

  MMBD914WS-AU Datasheet HTML 1Page - Pan Jit International Inc. MMBD914WS-AU Datasheet HTML 2Page - Pan Jit International Inc. MMBD914WS-AU Datasheet HTML 3Page - Pan Jit International Inc. MMBD914WS-AU Datasheet HTML 4Page - Pan Jit International Inc. MMBD914WS-AU Datasheet HTML 5Page - Pan Jit International Inc. MMBD914WS-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Part No_packing code_Version
MMBD914WS­AU_R1_000A1
MMBD914WS­AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
MMBD914WS
­AU
PAGE . 5
May 24,2016­REV.01


Podobny numer części - MMBD914WS-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD914WS PANJIT-MMBD914WS Datasheet
142Kb / 4P
   SURFACE MOUNTSWITCHING DIODES
More results

Podobny opis - MMBD914WS-AU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD914WS PANJIT-MMBD914WS Datasheet
142Kb / 4P
   SURFACE MOUNTSWITCHING DIODES
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
logo
Nanjing International G...
1SMA4728A DGNJDZ-1SMA4728A Datasheet
81Kb / 2P
   SURFACE MOUNTZENER DIODES
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com