Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA062X104J5RACTU Arkusz danych(PDF) 6 Page - Kemet Corporation

Numer części CA062X104J5RACTU
Szczegółowy opis  Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA062X104J5RACTU Arkusz danych(HTML) 6 Page - Kemet Corporation

Back Button CA062X104J5RACTU Datasheet HTML 2Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 3Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 4Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 5Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 6Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 7Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 8Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 9Page - Kemet Corporation CA062X104J5RACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1017_X7R_ARRAY_SMD • 10/14/2016
66
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array, X7R Dielectric, 10 – 200 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0508 – 0612 Case Sizes)
Capacitance Capacitance
Code
Case Size/Series
C0508C/X
(CA052C/X 2-Cap Case Size)
C0612C/X
(CA064C/X 4-Cap Case Size)
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
330 pF
331
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
390 pF
391
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
470 pF
471
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
560 pF
561
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
680 pF
681
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
820 pF
821
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
1,000 pF
102
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
1,200 pF
122
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
1,500 pF
152
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
1,800 pF
182
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
2,200 pF
222
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
2,700 pF
272
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
3,300 pF
332
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
3,900 pF
392
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
4,700 pF
472
J
K
M
PA
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
5,600 pF
562
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
6,800 pF
682
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
8,200 pF
822
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
10,000 pF
103
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
MA
12,000 pF
123
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
15,000 pF
153
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
18,000 pF
183
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
22,000 pF
223
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
MA
27,000 pF
273
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
33,000 pF
333
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
39,000 pF
393
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
47,000 pF
473
J
K
M
PA
PA
PA
PA
MA
MA
MA
MA
56,000 pF
563
J
K
M
PA
PA
PA
PA
MA
MA
MA
68,000 pF
683
J
K
M
PA
PA
PA
PA
MA
MA
82,000 pF
823
J
K
M
PA
PA
PA
PA
MA
MA
0.10 µF
104
J
K
M
PA
PA
PA
PA
MA
MA
0.15 µF
154
J
K
M
PA
0.22 µF
224
J
K
M
PA
Capacitance
Capacitance Code
Rated Voltage (VDC)
10
16
25
50
100
10
16
25
50
100
200
Voltage Code
8
4
3
5
1
8
4
3
5
1
2
Case Size/Series
C0508C/X (CA052C/X 2-Cap Case Size)
C0612C/X (CA064C/X 4-Cap Case Size)


Podobny numer części - CA062X104J5RACTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
CA062X104J5GACTU KEMET-CA062X104J5GACTU Datasheet
2Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
CA062X104J5GALTU KEMET-CA062X104J5GALTU Datasheet
2Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Podobny opis - CA062X104J5RACTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1210J685K3RACTU KEMET-C1210J685K3RACTU Datasheet
1Mb / 24P
   Open Mode Design (FO-CAP), X7R Dielectric, 16- 200 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com