Zakładka z wyszukiwarką danych komponentów |
|
CA064X104M5RALTU Arkusz danych(PDF) 7 Page - Kemet Corporation |
|
CA064X104M5RALTU Arkusz danych(HTML) 7 Page - Kemet Corporation |
7 / 20 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1017_X7R_ARRAY_SMD • 10/14/2016 77 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Capacitor Array, X7R Dielectric, 10 – 200 VDC (Commercial & Automotive Grade) Table 2A – Chip Thickness/Tape & Reel Packaging Quantities Thickness Code Case Size Thickness ± Range (mm) Paper Quantity Plastic Quantity 7" Reel 13" Reel 7" Reel 13" Reel PA 0508 0.80 ± 0.10 0 0 4,000 10,000 MA 0612 0.80 ± 0.10 0 0 4,000 10,000 Package quantity based on finished chip thickness specifications. Table 2B – Bulk Packaging Quantities Packaging Type Loose Packaging Bulk Bag (default) Packaging C-Spec1 N/A2 Case Size Packaging Quantities (pieces/unit packaging) EIA (in) Metric (mm) Minimum Maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products. 2 A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through 22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. |
Podobny numer części - CA064X104M5RALTU |
|
Podobny opis - CA064X104M5RALTU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |