Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE24C512C Arkusz danych(PDF) 3 Page - ACE Technology Co., LTD.

Numer części ACE24C512C
Szczegółowy opis  Two-wire serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C512C Arkusz danych(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24C512C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C512C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ACE24C512C
Two-wire serial EEPROM
VER 1.1
3
Block Diagram
Pin Descriptions
Serial Clock (SCL): The SCL input is used to positive-edge clock data in and negative-edge clock data
out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open drain driven and
may be wire-ORed with any number of other open-drain or open-collector devices.
Device Addresses (E2, E1, E0): The E2, E1, and E0 pins are device address inputs. Typically, the E2,
E1, and E0 pins are for hardware addressing and a total of 8 devices can be connected on a single bus
system. If these pins are left floating, the E2, E1, and E0 pins will be internally pulled down to GND.
Write Control (WCB): The Write Control input, when WCB is connected directly to V
CC, all write
operations to the memory are inhibited. When connected to GND, allows normal write operations. If the
pin is left floating, the WCB pin will be internally pulled down to GND.
Pin Capacitance
Test Conditions: TA = 25°C, F = 1MHz, VCC = 5.0V.
Symbol
Parameter
Max
Units
Test Condition
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O=GND
CIN
Input Capacitance (E0,E1,E2,WCB,SCL)
6
pF
VIN=GND


Podobny numer części - ACE24C512C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C512 ACE-ACE24C512 Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512B ACE-ACE24C512B Datasheet
1Mb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512DP+TH ACE-ACE24C512DP+TH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512DP+UH ACE-ACE24C512DP+UH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512FM+TH ACE-ACE24C512FM+TH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
More results

Podobny opis - ACE24C512C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com