Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS21V-300008 Arkusz danych(PDF) 4 Page - Kemet Corporation

Numer części SS21V-300008
Szczegółowy opis  SS Coils, SS21V Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21V-300008 Arkusz danych(HTML) 4 Page - Kemet Corporation

  SS21V-300008 Datasheet HTML 1Page - Kemet Corporation SS21V-300008 Datasheet HTML 2Page - Kemet Corporation SS21V-300008 Datasheet HTML 3Page - Kemet Corporation SS21V-300008 Datasheet HTML 4Page - Kemet Corporation SS21V-300008 Datasheet HTML 5Page - Kemet Corporation SS21V-300008 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0028_SS21V • 7/30/2015
AC Line Filters – SS Coils, SS21V Type
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability of external
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
47
Common mode
Numbering System
Series
Type (V: vertical, H: horizontal)
Core type (No marking : Standard core, R : high permeability core)
Rated current (0930 stands for 93.0A)
Inductance (0930 stands for 93.0mH)
SS 21V -
03 0930
� �
Frequency characteristic
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
180029
200024
220017
250015
300008
180029
200024
220017
250015
300008
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
030930
040520
050360
060220
070179
030930
040520
050360
060220
070179
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
080136
100098
110067
130044
150098
080136
100098
110067
130044
150098
R031380
R040770
R050540
R060330
R070260
R031380
R040770
R050540
R060330
R070260
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
R080200
R100146
R110100
R130066
R150057
R080200
R100146
R110100
R130066
R150057
R180044
R200036
R220026
R250023
R300013
R180044
R200036
R220026
R250023
R300013
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M


Podobny numer części - SS21V-300008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SS21V-300008 KEMET-SS21V-300008 Datasheet
78Kb / 1P
   KEMET, SS21V, AC Line Filters, Common Mode, 800 uH
More results

Podobny opis - SS21V-300008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
   SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
   SS Coils, SS26V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
   SS Coils, SS11V/H-CH Type
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com