Zakładka z wyszukiwarką danych komponentów |
|
XZM2DG53W-8 Arkusz danych(PDF) 1 Page - SunLED Corporation |
|
XZM2DG53W-8 Arkusz danych(HTML) 1 Page - SunLED Corporation |
1 / 4 page Part Number: XZM2DG53W-8 1.6X0.8mm SMD CHIP LED LAMP Mar 09,2016 XDSB4827 V5-Z Layout: Maggie L. P. 1/4 Features ● Ideal for indication light on hand held products ● Long life and robust package ● Standard Package: 2,000pcs/ Reel ● MSL (Moisture Sensitivity Level): 3 ● RoHS compliant ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Package Schematics Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25°C) Green (InGaN) Unit Reverse Voltage VR 5 V Forward Current IF 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 100 mA Power Dissipation PD 120 mW Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 450 V Electrostatic Discharge Threshold (HBM) Green (InGaN) Unit Forward Voltage (Typ.) (IF=20mA) VF 3.2 V Forward Voltage (Max.) (IF=20mA) VF 4 V Reverse Current (Max.) (VR=5V) IR 50 uA Wavelength of Peak Emission CIE127-2007* (Typ.) (IF=20mA) λP 520* nm Wavelength of Dominant Emission CIE127-2007* (Typ.) (IF=20mA) λD 525* nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) △ λ 35 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 100 pF Operating Characteristics (TA=25°C) Part Number Emitting Color Emitting Material Lens-color Wavelength CIE127-2007* nm λP Viewing Angle 2θ 1/2 min. typ. XZM2DG53W-8 Green InGaN Water Clear 1000* 1495* 520* 60° Luminous Intensity CIE127-2007* (IF=20mA) mcd *Luminous intensity value and wavelength are in accordance with CIE127-2007 standards. A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033) |
Podobny numer części - XZM2DG53W-8 |
|
Podobny opis - XZM2DG53W-8 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |