Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

749010310 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 749010310
Szczegółowy opis  WE-LAN AQ 10/100 Base-T SMD Transformer 1 Port
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749010310 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749010310 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Packaging Specification - Tape and Reel: [mm]
End
Feeding direction
Start
P2
P0
T
T1
T2
D0
Top Cover
Tape
P1
D1
A0
No Component
min.160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
Cover Tape
Carrier Tape
A
A
packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
W
T
T1
T2
K0
P0
P1
P2
D0
D1
E1
E2
F
Tape Type 2a
VPE / packaging unit
tolerance
typ. typ.
+0,3/ -0,1
max. max. typ. typ. ±0,1 ±0,1 ±0,1 +0,1/ -0,0
min. ±0,1 min.
±0,1
pcs.
size
749010310
9.00 13.00 24.00
0.60 0.10 4.70 4.40 4.00 4.00 2.00 1.50
1.50 1.75 22.25 11.50 Polystyrene
1800
165° - 180°
Pull-of force
Tape width
24 mm
0,1 N - 1,3 N
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
Tolerance
± 2,0
min.
min.
min.
± 2,0
+ 2
max.
min.
max.
Tape width
24mm
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
MLe
DIN ISO 2768-1m
DESCRIPTION
WE-LAN AQ 10/100 Base-T SMD
Transformer 1 Port
ORDER CODE
749010310
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.000
Valid
2017-01-23
eiSos
4/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 749010310

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
749010011 WURTH-749010011 Datasheet
216Kb / 3P
   LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111 WURTH-7490100111 Datasheet
143Kb / 1P
   This drawing is dual dimensioned. dimensions in brackets are in millimeters.
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
522Kb / 4P
   LAN-Transformer WE-LAN
2017-06-23
More results

Podobny opis - 749010310

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
749020310 WURTH-749020310 Datasheet
476Kb / 7P
   WE-LAN AQ 10/100/1000 Base-T SMD Transformer 1 Port
749023310 WURTH-749023310 Datasheet
454Kb / 6P
   WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
749022310 WURTH-749022310 Datasheet
453Kb / 6P
   WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
749012310 WURTH-749012310 Datasheet
456Kb / 6P
   WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
749013310 WURTH-749013310 Datasheet
456Kb / 6P
   WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
7490140141 WURTH-7490140141 Datasheet
543Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
7490140124 WURTH-7490140124 Datasheet
524Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140140 WURTH-7490140140 Datasheet
554Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
7490140125 WURTH-7490140125 Datasheet
535Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140142 WURTH-7490140142 Datasheet
554Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com