Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA-570MT3F Arkusz danych(PDF) 4 Page - Rohm

Numer części SLA-570MT3F
Szczegółowy opis  High bright circular LED lamps (?5.0mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

SLA-570MT3F Arkusz danych(HTML) 4 Page - Rohm

  SLA-570MT3F Datasheet HTML 1Page - Rohm SLA-570MT3F Datasheet HTML 2Page - Rohm SLA-570MT3F Datasheet HTML 3Page - Rohm SLA-570MT3F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SLA-560 / SLA-570 / SLA-580 Series
LED lamps
1
2
1.5
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(
µs)
Fig.8 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Fig.9 Luminous intensity
vs. peak forward current
15%
20%
10%
5%
f=1kHz
DC
DF=50%
40
30
20
10
0
20
30
40
50
60
70
80
90
60
50
70
AMBIENT TEMPERATURE : Ta
(
°C)
Fig.10 Maximum forward current
vs. ambient temperature
(Derating)
!
!
!
!
Electrical characteristic curves 2 (green)
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25˚C
Fig.11 Forward current vs.
forward voltage
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE : Tc
(˚C)
Fig.12 Luminous intensity vs.
case temperature
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.1 0.2
0.5
1
2
510 20
50 100
5
FORWARD CURRENT : IF
(
mA)
Ta=25˚C
Fig.13 Luminous intensity vs.
forward current
1
2
2.4
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(
µs)
Fig.14 Maximum tolerable peak current
vs. pulse duration
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
f=1kHz
DC
DF=50%
15%
10%
5%
20%
Fig.15 Luminous intensity
vs. peak forward current
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE : Ta
(˚C)
Fig.16 Maximum forward current
vs. ambient temperature
(Derating)


Podobny numer części - SLA-570MT3F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SLA-570MT ROHM-SLA-570MT Datasheet
211Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLA-570MT ROHM-SLA-570MT Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results

Podobny opis - SLA-570MT3F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SLI-560 ROHM-SLI-560 Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
logo
List of Unclassifed Man...
LVX3333 ETC1-LVX3333 Datasheet
164Kb / 1P
   5.0mm HIGH INTENSITY LED LAMPS
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Everlight Electronics C...
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
   5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
   5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
   5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
   5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470 EVERLIGHT-383-2SUBC-C470 Datasheet
95Kb / 6P
   5.0mm Round Type LED Lamps
383-2SUBC-C470-S400 EVERLIGHT-383-2SUBC-C470-S400 Datasheet
123Kb / 7P
   5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com