Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6381 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części ST6381
Szczegółowy opis  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6381 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button ST6381 Datasheet HTML 5Page - STMicroelectronics ST6381 Datasheet HTML 6Page - STMicroelectronics ST6381 Datasheet HTML 7Page - STMicroelectronics ST6381 Datasheet HTML 8Page - STMicroelectronics ST6381 Datasheet HTML 9Page - STMicroelectronics ST6381 Datasheet HTML 10Page - STMicroelectronics ST6381 Datasheet HTML 11Page - STMicroelectronics ST6381 Datasheet HTML 12Page - STMicroelectronics ST6381 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
9/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
1.3 MEMORY SPACES
The MCU operates in three different memory
spaces: Stack Space, Program Space and Data
Space.
1.3.1 Stack Space
The stack space consists of six 12 bit registers that
are used for stacking subroutine and interrupt re-
turn addresses plus the current program counter
register.
1.3.2 Program Space
The program space is physically implemented in
the ROM and includes all the instructions that are
to be executed, as well as the data required for the
immediate addressing mode instructions, the re-
served test area and the user vectors. It is ad-
dressed thanks to the 12-bit Program Counter reg-
ister (PC register) and the ST6 Core can directly
address up to 4K bytes of Program Space. Never-
theless, the Program Space can be extended by
the addition of 2Kbyte memory banks as it is
shown in Figure 5, in which the 20K bytes memory
is described. These banks are addressed by point-
ing to the 000h-7FFh locations of the Program
Space thanks to the Program Counter, and by writ-
ing the appropriate code in the Program ROM
Page Register (PRPR) located at address CAh in
the Data Space. Because interrupts and common
subroutines should be available all the time only
the lower 2K byte of the 4K program space are
bank switched while the upper 2K byte can be
seen as static space. Table 3 gives the different
codes that allows the selection of the correspond-
ing banks. Note that, from the memory point of
view, the Page 1 and the Static Page represent
the same physical memory: it is only a different
way of addressing the same location. On the
ST6388 and ST6389, a total of 20480 bytes of
ROM have been implemented; 20140 bytes are
available as User ROM while 340 bytes are re-
served for testing.
Figure 4. 20K-Byte Program Space Addressing
Figure 5. Memory Addressing Diagram
Program
counter
space
0FFFh
0800h
07FFh
0000h
0000h
Static
Page
Page 1
Page 0
4FFFh
Page 1
Page 9
Static Page
...
PROGRAM SPACE
ROM
INTERRUPT &
RESET VECTORS
ACCUMULATOR
DATA RAM
BANK SELECT
DATA ROM
WINDOW SELECT
RAM
X REGISTER
Y REGISTER
V REGISTER
W REGISTER
DATA ROM
WINDOW
RAM / EEPROM
BANKING AREA
000h
03Fh
040h
07Fh
080h
081h
082h
083h
084h
0C0h
0FFh
0-63
DATA SPACE
0000h
0FF0h
0FFFh
PROGRAM COUNTER
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
vr01568
STACK SPACE
ROM
07FFh
0800h


Podobny numer części - ST6381

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6385 STMICROELECTRONICS-ST6385 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
ST6387 STMICROELECTRONICS-ST6387 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
More results

Podobny opis - ST6381

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
STMicroelectronics
ST6391 STMICROELECTRONICS-ST6391 Datasheet
560Kb / 68P
   8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
ST63P06 STMICROELECTRONICS-ST63P06 Datasheet
329Kb / 7P
   8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
ST63140 STMICROELECTRONICS-ST63140 Datasheet
715Kb / 86P
   8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
STV5730A STMICROELECTRONICS-STV5730A Datasheet
236Kb / 20P
   MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com