Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC8208 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TPC8208
Szczegółowy opis  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8208 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TPC8208 Datasheet HTML 1Page - Toshiba Semiconductor TPC8208 Datasheet HTML 2Page - Toshiba Semiconductor TPC8208 Datasheet HTML 3Page - Toshiba Semiconductor TPC8208 Datasheet HTML 4Page - Toshiba Semiconductor TPC8208 Datasheet HTML 5Page - Toshiba Semiconductor TPC8208 Datasheet HTML 6Page - Toshiba Semiconductor TPC8208 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8208
2003-02-18
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208
Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
·
Small footprint due to small and thin package
·
Low drain-source ON resistance: RDS (ON) = 38 mΩ (typ.)
·
High forward transfer admittance: |Yfs| = 6.3 S (typ.)
·
Low leakage current: IDSS = 10 µA (max) (VDS = 20 V)
·
Enhancement-mode: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 200 µA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kW)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
5
Drain current
Pulse
(Note 1)
IDP
20
A
Single-device
operation (Note 3a)
PD (1)
1.5
Drain power
dissipation
(t
= 10 s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD (2)
1.1
W
Single-device
operation (Note 3a)
PD (1)
0.75
Drain power
dissipation
(t
= 10 s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
16.3
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.1
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Note: For (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5), please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


Podobny numer części - TPC8208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPC8208 TOSHIBA-TPC8208 Datasheet
253Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8208 TOSHIBA-TPC8208 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPC8208 TOSHIBA-TPC8208_06 Datasheet
253Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Podobny opis - TPC8208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com