Zakładka z wyszukiwarką danych komponentów |
|
CA064X104M2GALTU Arkusz danych(PDF) 1 Page - Kemet Corporation |
|
CA064X104M2GALTU Arkusz danych(HTML) 1 Page - Kemet Corporation |
1 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1016_C0G_ARRAY_SMD • 10/14/2016 1 One world. One KEMET Overview KEMET’s Ceramic Chip Capacitor Array in C0G dielectric is an advanced passive technology where multiple capacitor elements are integrated into one common monolithic structure. Array technology promotes reduced placement costs and increased throughput. This is achieved by alternatively placing one device rather than two or four discrete devices. Use of capacitor arrays also saves board space which translates into increased board density and more functions per board. Arrays consume only a portion of the space required for standard chips resulting in savings in inventory and pick/place machine positions. For added reliability, KEMET's Flexible Termination technology has been incorporated in order to provides superior flex performance. This technology was developed to address flex cracks, which are the primary failure mode of MLCCs and typically the result of excessive tensile and shear stresses produced during board flexure and thermal cycling. Flexible Termination technology inhibits the transfer of board stress to the rigid body of the MLCC, therefore mitigating flex cracks which can result in low IR or short circuit failures. KEMET’s C0G dielectric features a 125°C maximum operating temperature and is considered “stable. "The Electronics Industries Alliance (EIA) characterizes C0G dielectric as a Class I material. Components of this classification are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. C0G exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30 ppm/ºC from −55°C to +125°C. KEMET automotive grade array capacitors meet the demanding Automotive Electronics Council's AEC-Q200 qualification requirements. Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Capacitor Array, C0G Dielectric, 10 – 200 VDC (Commercial & Automotive Grade) Ordering Information CA 06 4 X 104 K 4 G A C TU Ceramic Array Case Size (L" x W")1 Number of Capacitors Specification/ Series Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish2 Packaging/ Grade (C-Spec) 05 = 0508 06 = 0612 2 = 2 4 = 4 X = Flexible Termination Two significant digits + number of zeros J = ±5% K = ±10% M = ±20% 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 2 = 200 G = C0G A = N/A C = 100% Matte Sn L = SnPb (5% minimum Pb content) See "Packaging C-Spec Ordering Options Table" below 1 All previous reference to metric case dimension "1632" has been replaced with an inch standard reference of "0612". Please reference all new designs using the "0612" nomenclature. "CA064" replaces "C1632" in the ordering code. 2 Additional termination finish options may be available. Contact KEMET for details. 2 SnPb termination finish option is not available on automotive grade product. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Podobny numer części - CA064X104M2GALTU |
|
Podobny opis - CA064X104M2GALTU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |