Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4370DY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4370DY
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4370DY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4370DY Datasheet HTML 1Page - Vishay Siliconix SI4370DY Datasheet HTML 2Page - Vishay Siliconix SI4370DY Datasheet HTML 3Page - Vishay Siliconix SI4370DY Datasheet HTML 4Page - Vishay Siliconix SI4370DY Datasheet HTML 5Page - Vishay Siliconix SI4370DY Datasheet HTML 6Page - Vishay Siliconix SI4370DY Datasheet HTML 7Page - Vishay Siliconix SI4370DY Datasheet HTML 8Page - Vishay Siliconix SI4370DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
D LITTLE FOOTr Plus Schottky
D Si4830DY Pin Compatible
D PWM Optimized
D 100% Rg Tested
APPLICATIONS
D Asymmetrical Buck-Boost DC/DC Converter
Si4370DY
Vishay Siliconix
Document Number: 72022
S-32621—Rev. C, 29-Dec-03
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Channel 1
0.022 @ VGS = 10 V
7.5
Channel-1
30
0.030 @ VGS = 4.5 V
6.5
Channel 2
30
0.022 @ VGS = 10 V
7.5
Channel-2
0.028 @ VGS = 4.5 V
6.5
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 V @ 1.0 A
2.0
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
Schottky Diode
Ordering Information: Si4370DY—E3 (Lead Free)
Si4370DY-T1—E3 (Lead Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
10 secs
Steady State
Parameter
Symbol
Channel-1
Channel-2
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
"12
"20
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
7.5
5.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
6.0
4.6
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
MOSFET
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
52
62.5
53
62.5
Maximum Junction-to-Ambienta
Steady-State
RthJA
93
110
93
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
35
40
35
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Podobny numer części - SI4370DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4376DY VISHAY-SI4376DY Datasheet
113Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 18-Aug-03
SI4376DY-T1 VISHAY-SI4376DY-T1 Datasheet
113Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 18-Aug-03
SI4378DY VISHAY-SI4378DY Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-E3 VISHAY-SI4378DY-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
SI4378DY-T1-E3 VISHAY-SI4378DY-T1-E3 Datasheet
55Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 03-May-04
More results

Podobny opis - SI4370DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com