Zakładka z wyszukiwarką danych komponentów |
|
ACE8001MT8X Arkusz danych(PDF) 4 Page - Fairchild Semiconductor |
|
ACE8001MT8X Arkusz danych(HTML) 4 Page - Fairchild Semiconductor |
4 / 31 page 4 www.fairchildsemi.com ACE8001 Product Family Rev. B.2 ACE8001 DC Electrical Characteristics VCC = 2.2 to 5.5V All measurements valid for ambient operating temperature unless otherwise stated. 3 I CC active current is dependent on the program code. 4 Based on a continuous IDLE looping program. Symbol Parameter Conditions MIN TYP MAX Units ICC 3 Supply Current – no data EEPROM write in progress -40°C to +85°C 2.2V 2.7V 3.3V 5.5V 0.4 0.7 1.2 3.7 1.0 1.2 2.0 6.0 mA mA mA mA ICCH HALT Mode current 3.3V @ -40°C to +85°C 100 5000 nA 5.5V @ -40°C to +85°C 0.7 25 µA ICCL 4 IDLE Mode Current 3.3V 5.5V 120 140 200 350 µA µA VCCW EEPROM Write Voltage Code EEPROM in Programming Mode 4.5 5.0 5.5 V Data EEPROM in Operating Mode 2.4 5.5 V SVCC Power Supply Slope 1µs/V 10ms/V VIL Input Low with Schmitt Trigger Buffer VCC = 2.2 -5.5V 0.2VCC V VIH Input High with Schmitt Trigger Buffer VCC = 2.2V VCC > 2.2V 0.9VCC 0.8VCC V V IIP Input Pull-up Current VCC =5.5V, VIN =0V 30 65 350 µA ITL TRI-STATE Leakage VCC =5.5V 2 200 nA VOL Output Low Voltage VCC = 2.2V – 3.3V G0, G1, G2, G4 3.0 mA sink 0.2VCC V G5 5.0 mA sink 0.2VCC V Output Low Voltage VCC = 3.3V – 5.5V G0, G1, G2, G4 5.0 mA sink 0.2VCC V G5 10.0 mA sink 0.2VCC V VOH Output High Voltage VCC = 2.2V – 5.5V G0, G1, G2, G4 0.4 mA source 0.8VCC V G5 0.8 mA source 0.8VCC V Output High Voltage VCC = 3.3V – 5.5V G0, G1, G2, G4 0.4 mA source 0.8VCC V G5 1.0 mA source 0.8VCC V |
Podobny numer części - ACE8001MT8X |
|
Podobny opis - ACE8001MT8X |