Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS808 Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS808
Szczegółowy opis  12-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS808 Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS808 Datasheet HTML 3Page - Burr-Brown (TI) ADS808 Datasheet HTML 4Page - Burr-Brown (TI) ADS808 Datasheet HTML 5Page - Burr-Brown (TI) ADS808 Datasheet HTML 6Page - Burr-Brown (TI) ADS808 Datasheet HTML 7Page - Burr-Brown (TI) ADS808 Datasheet HTML 8Page - Burr-Brown (TI) ADS808 Datasheet HTML 9Page - Burr-Brown (TI) ADS808 Datasheet HTML 10Page - Burr-Brown (TI) ADS808 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ADS808
7
SBAS179C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 1V to 2V, sampling rate = 70MHz, and internal reference, unless otherwise noted.
300k
250k
200k
150k
100k
50k
0
OUTPUT NOISE HISTOGRAM
(2Vp-p, Grounded Input)
Code
N – 1
N
N + 1
N + 2
N – 2
1
0.8
0.6
0.4
0.3
0
–0.2
–0.4
–0.6
–0.8
–1
DIFFERENTIAL LINEARITY ERROR
Code
0
1024
2048
3072
4096
5
4
3
2
1
0
–1
–2
–3
INTEGRAL LINEARITY ERROR
Code
0
1024
2048
3072
4096


Podobny numer części - ADS808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS808 TI1-ADS808 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS808Y/250 TI1-ADS808Y/250 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS808Y/250G4 TI1-ADS808Y/250G4 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com