Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE1410 Arkusz danych(PDF) 3 Page - NTE Electronics

Numer części NTE1410
Szczegółowy opis  Integrated Circuit Chroma Video Signal Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1410 Arkusz danych(HTML) 3 Page - NTE Electronics

  NTE1410 Datasheet HTML 1Page - NTE Electronics NTE1410 Datasheet HTML 2Page - NTE Electronics NTE1410 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Differential Gain
DB
Video Input 1VP–P (Stair–Step, 3.58MHz),
APL 50%, Contrast Max., Picture Max.,
Note 7
5.0
%
Demodulation DC Output
Voltage
EO(DC)
VCO Oscillation, Output of each R, G, and
B, Note 8
2.8
3.5
4.2
V
DC Voltage Difference
between Demodulation
Outputs
DEX–Y
V26 = 3.5V, VCO Oscillation, Outputs of
each R, G, and B
0
300
mV
DEX–Y Change with
Supply Voltage
DEX–Y/VCC VCC = 12V ±20%, V26 = 3.5V (VCC = 12V)
for VCC = 12V, Note 9
0
±60
mV
DEX–Y Change with
Ambient Temperature
DEX–Y/TA
V26 = 3.5V (TA = +25°C),
TA = –20° to +70°C, for TA = +25°C
0
±60
mV
Note 7. Outputs of each R, G, and B, Pin26: Pedestal 2V, Brightness VR Setting.
Note 8. Blanking ON.
Note 9. No Blanking.
VCC
Pin Connection Diagram
R Output
Auto/Manual Switch
3.58MHz OSC Filter
Chroma Bypass
BPA Output
3.58MHz OSC Input
3.58MHz OSC Output
1
2
3
4
Pedestal Clamp Filter
Brightness Control
Picture Control
5
Video Peaking
6
Picture Peaking
7
Tint Control
8
28
27
26
25
B Output
G Output
Demodulator Input
24 Blanking Pulse Input
23
22
21
Burst Gate Pulse Input
9
Color Control
20
APC Killer Filter
Color Killer Filter
10
Contrast Control
11
19
18
APC Filter
12
17
APC Filter
13
Chroma Input
16
14
GND
15 APC Filter
1.469 (37.32)
Max
1.300 (33.02)
.540
(13.7)
.600
(15.24)
.250
(6.35)
.122
(3.1)
Min
.100 (2.54)
15
28
14
1


Html Pages

1  2  3 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn