Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1410 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE1410
Szczegółowy opis  Integrated Circuit Chroma Video Signal Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1410 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE1410 Datasheet HTML 1Page - NTE Electronics NTE1410 Datasheet HTML 2Page - NTE Electronics NTE1410 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1410
Integrated Circuit
Chroma Video Signal Processor
Description:
The NTE1410 is an integrated circuit in a 28–Lead DIP type package designed for all color TV video
and chrominance signal process circuits.
Features:
D The NTE1410 provides a total video and chrominance signal processing circuitry, allowing
compact set design
D Incorporating luminance signal mixing circuit and provides R.G.B. original color output
D All DC control system for simplicity of wiring (color, tint, contrast, picture, luminance)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage
V1–14
0V to 14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V3,4,7,8,9,10–14
0V to V1–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V20–14
V1–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V24–14
–6V to V1–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I26, I27, I28
–40mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
750mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1.
 andare flow–in and flow–out currents to/from the circuit, respectively.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
Itot
VCC = 12V
33
44
56
mA
Circuit Voltage
V11–14
VCC = 12V
7.5
8.5
9.2
V
V26, 27, 28–14
3.5
4.0
4.5
V
Output Voltage (Burst)
VO(1)
Rainbow 150mVP–P, Color AUTO Center,
Contrast Max.
0.5
0.7
0.9
VP–P
ACC Characteristics
ACC
Rainbow 15mVP–P, Burst Output/VO(1)
0.6
0.8
1.0
times
Output Voltage (Chroma)
VO(2)
Rainbow 150mVP–P, Color Max., Contrast
Max.
0.5
0.7
0.9
VP–P
Oscillation Frequency
fOSC
Pin13 Input Invalid Signal, Trimmer to be
Set by Standard Samples, Note 2
±150
Hz
Note 2. f: Deviation from 3579545Hz.


Podobny numer części - NTE1410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1412 NTE-NTE1412 Datasheet
22Kb / 2P
   Integrated Circuit Recording Video Signal Processor
NTE1413 NTE-NTE1413 Datasheet
27Kb / 3P
   Integrated Circuit Video IF Amplifier
NTE1414 NTE-NTE1414 Datasheet
23Kb / 3P
   Integrated Circuit Digital AC Clock Timer for VCR
NTE1415 NTE-NTE1415 Datasheet
18Kb / 2P
   Integrated Circuit Color Compensation Circuit
NTE1416 NTE-NTE1416 Datasheet
36Kb / 5P
   Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
More results

Podobny opis - NTE1410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1673 NTE-NTE1673 Datasheet
24Kb / 3P
   Integrated Circuit Video Chroma Processor
logo
Mitsubishi Electric Sem...
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
   PAL VIDEO CHROMA SIGNAL PROCESSOR?
logo
Renesas Technology Corp
M52042FP RENESAS-M52042FP Datasheet
183Kb / 14P
   NTSC Video Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
logo
NTE Electronics
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
   Integrated Circuit Video Signal Processor
logo
Mitsubishi Electric Sem...
M52042FP MITSUBISHI-M52042FP Datasheet
315Kb / 7P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR?
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
   PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
   PAL Video Chroma Signal Processor
logo
Motorola, Inc
MC44030 MOTOROLA-MC44030 Datasheet
152Kb / 4P
   MULTISTANDARD VIDEO SIGNAL PROCESSOR WITH INTEGRATED CHROMA DELAY LINE
logo
NTE Electronics
NTE731 NTE-NTE731 Datasheet
78Kb / 3P
   Integrated Circuit TV Video Signal Processor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com