Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWH-002A6F Arkusz danych(PDF) 1 Page - Cooper Bussmann, Inc.

Numer części FWH-002A6F
Szczegółowy opis  0.250-7A, 500 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-002A6F Arkusz danych(HTML) 1 Page - Cooper Bussmann, Inc.

  FWH-002A6F Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Semiconductor Fuse
0.250-7A, 500 Volts
BIF Document
35785256
Size
6≈ 32
.2
.4
.6
.8
10
0
2
24
6
8
2
10
1
24
6
8
2
10
2
Prospective Current In Amperes RMS
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
10
–1
10
–2
4x10
–3
10
0
10
1
10
2
10
3
10
4
FWH-002A6F
FWH-3.15A6F
FWH-005A6F
FWH-6.30A6F
FWH-001A6F
FWH-.500A6F
FWH-.250A6F
FWH-007A6F
Pre-Arcing
Time-Current Characteristic Curves
FWH .250A6F-007A6F
Approved:
NN
Rev. Date:
OCT-95
Page
1 of 1
Pub. Date:
JAN-98
BUSSMANN
P.O. Box 14460
St. Louis, MO 63178-4460
U.S.A.
Phone:
314-394-2877
Fax:
800-544-2570
Int’l Fax: 314-527-1413
BUSSMANN U.K.
Burton-on-the-Wolds
Leicestershire LE12 5TH
England
Phone:
44-1509-882737
Fax:
44-1509-882786
BUSSMANN
DENMARK
5 Literbuen
DK-2740 Skovlunde
Copenhagen, Denmark
Phone:
45-4485-0900
Fax:
45-4485-0901
12-28-98
SB98107
Rev. A
The only controlled copy of this BIF document is the electronic read-only
version located on the Bussmann Network Drive. All other copies of this
BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Bussmann
reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products.
Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.


Podobny numer części - FWH-002A6F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
FWH-002A6F COOPER-FWH-002A6F Datasheet
1Mb / 21P
   Ferrule fuses
FWH-002A6F COOPER-FWH-002A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
logo
Eaton All Rights Reserv...
FWH-002A6F EATON-FWH-002A6F Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
More results

Podobny opis - FWH-002A6F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
   7A mps,650 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
   7A mps,600 Volts N-CHANNEL MOSFET
logo
Cooper Bussmann, Inc.
FWH-5A14F COOPER-FWH-5A14F Datasheet
40Kb / 2P
   1-30A, 500 Volts
logo
Nihon Inter Electronics...
PD100F5 NIEC-PD100F5 Datasheet
34Kb / 8P
   FRD 100A AVG 500 VOLTS
logo
Micro Commercial Compon...
MMXZ5231BS MCC-MMXZ5231BS Datasheet
309Kb / 3P
   500 mWZener Diodes 5.1 Volts
logo
Solid States Devices, I...
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
   2 AMP 500 VOLTS NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
   0,5 WATTS -; 12.5 VOLTS 500 Mhz
logo
Solid States Devices, I...
SFT6800 SSDI-SFT6800 Datasheet
53Kb / 2P
   2 AMP 500 VOLTS NPN TRANSISTOR
logo
ON Semiconductor
MTP2P50E ONSEMI-MTP2P50E_10 Datasheet
193Kb / 7P
   Power MOSFET 2 Amps, 500 Volts
May, 2010 ??Rev. 6
logo
Solid States Devices, I...
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
   2 AMP 500 VOLTS PNP TRANSISTOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com