Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW10A7R50JA Arkusz danych(PDF) 4 Page - Bourns Electronic Solutions

Numer części FW10A7R50JA
Szczegółowy opis  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW10A7R50JA Arkusz danych(HTML) 4 Page - Bourns Electronic Solutions

  FW10A7R50JA Datasheet HTML 1Page - Bourns Electronic Solutions FW10A7R50JA Datasheet HTML 2Page - Bourns Electronic Solutions FW10A7R50JA Datasheet HTML 3Page - Bourns Electronic Solutions FW10A7R50JA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
FWxxASeriesFusiblePowerResistors
REV.03/17
Packaging Specifications
Model
O
P
A
B
C
Qty./Box
FW10A
(1 W)
52±1
(2.047±.039)
5±0.3
(.197±.012)
75±5
(2.953±.197)
70±5
(2.756±.197)
255±5
(10.039±.197)
1,000 pcs.
FW20A
(2 W)
58±1
(2.283±.039)
10±0.5
(.394±.020)
90±5
(3.543±.197)
119±5
(4.685±.197)
255±5
(10.039±.197)
1,000 pcs.
FW30A
(3 W)
65±5
(2.559±.197)
10±0.5
(.394±.020)
90±5
(3.543±.197)
119±5
(4.685±.197)
255±5
(10.039±.197)
1,000 pcs.
FW50A
(5 W)
65±5
(2.559±.197)
10±0.5
(.394±.020)
90±5
(3.543±.197)
88±5
(3.465±.197)
255±5
(10.039±.197)
500 pcs.
FW70A
(7 W)
90±5
(3.543±.197)
10±0.5
(.394±.020)
90±5
(3.543±.197)
124±5
(4.882±.197)
500±5
(19.685±.197)
500 pcs.
DIMENSIONS:
MM
(INCHES)
R=0
O
L1
A
C
L2
Z = 1.0
T
6±1
S
t
P
B
R=0
O
L1
A
C
L2
Z = 1.0
T
6±1
S
t
P
B


Podobny numer części - FW10A7R50JA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
More results

Podobny opis - FW10A7R50JA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com