Zakładka z wyszukiwarką danych komponentów |
|
AM27C256-255JC Arkusz danych(PDF) 1 Page - Advanced Micro Devices |
|
AM27C256-255JC Arkusz danych(HTML) 1 Page - Advanced Micro Devices |
1 / 12 page Publication# 08007 Rev. H Amendment /0 Issue Date: May 1995 2-32 Advanced Micro Devices Am27C256 256 Kilobit (32,768 x 8-Bit) CMOS EPROM FINAL DISTINCTIVE CHARACTERISTICS s Fast access time — 55 ns s Low power consumption — 20 µA typical CMOS standby current s JEDEC-approved pinout s Single +5 V power supply s ±10% power supply tolerance available s 100% Flashrite programming — Typical programming time of 4 seconds s Latch-up protected to 100 mA from –1 V to VCC + 1 V s High noise immunity s Versatile features for simple interfacing — Both CMOS and TTL input/output compatibility — Two line control functions s Standard 28-pin DIP, PDIP, 32-pin TSOP and PLCC packages GENERAL DESCRIPTION The Am27C256 is a 256K-bit ultraviolet erasable pro- grammable read-only memory. It is organized as 32K words by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast sin- gle address location programming. Products are avail- able in windowed ceramic DIP packages as well as plas- tic one time programmable (OTP) PDIP, TSOP, and PLCC packages. Typically, any byte can be accessed in less than 55 ns, allowing operation with high-performance microproces- sors without any WAIT states. The Am27C256 offers separate Output Enable ( OE) and Chip Enable (CE) controls, thus eliminating bus contention in a multiple bus microprocessor system. AMD’s CMOS process technology provides high speed, low power, and high noise immunity. Typical power con- sumption is only 80 mW in active mode, and 100 µW in standby mode. All signals are TTL levels, including programming sig- nals. Bit locations may be programmed singly, in blocks, or at random. The Am27C256 supports AMD’s Flashrite programming algorithm (100 µs pulses) resulting in typi- cal programming time of 4 seconds. BLOCK DIAGRAM VCC VSS Output Enable Chip Enable and Prog Logic Y Decoder X Decoder CE OE Output Buffers Y Gating 262,144 Bit Cell Matrix A0–A14 Address Inputs Data Outputs DQ0–DQ7 08007H-1 VPP |
Podobny numer części - AM27C256-255JC |
|
Podobny opis - AM27C256-255JC |