Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Qxx25R6 Arkusz danych(PDF) 2 Page - Littelfuse

Numer części Qxx25R6
Szczegółowy opis  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25R6 Arkusz danych(HTML) 2 Page - Littelfuse

  Qxx25R6 Datasheet HTML 1Page - Littelfuse Qxx25R6 Datasheet HTML 2Page - Littelfuse Qxx25R6 Datasheet HTML 3Page - Littelfuse Qxx25R6 Datasheet HTML 4Page - Littelfuse Qxx25R6 Datasheet HTML 5Page - Littelfuse Qxx25R6 Datasheet HTML 6Page - Littelfuse Qxx25R6 Datasheet HTML 7Page - Littelfuse Qxx25R6 Datasheet HTML 8Page - Littelfuse Qxx25R6 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Absolute Maximum Ratings – Standard Triac
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Qxx25R5
Qxx25N5
T
C = 85°C
25
A
Qxx25P5
T
C = 57°C
I
TSM
Peak non-repetitive surge current
Qxx25R5
Qxx25N5
full cycle; f = 50Hz;
T
J (initial) = 25°C
167
A
full cycle; f = 60Hz;
T
J (initial) = 25°C
200
Qxx25P5
full cycle; f = 50Hz;
T
J (initial) = 25°C
220
full cycle; f = 60Hz;
T
J (initial) = 25°C
250
I2t
I2t Value for fusing
Qxx25R5
Qxx25N5
t
p = 8.3ms
166
A2s
Qxx25P5
260
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =125°C
100
A/μs
I
GTM
Peak gate current
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 125
°C
T
J
Operating junction temperature range
Qxx25R5
Qxx25N5
-40 to 125
°C
Qxx25P5
-25 to 125
Absolute Maximum Ratings – Alternistor Triac
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Qxx25LH5
Qxx25L6
T
C = 65°C
25
A
Qxx25K6
Qxx25J6
T
C = 85°C
Qxx25RH5
Qxx25NH5
Qxx25R6
Qxx25NH6
T
C = 95°C
I
TSM
Peak non-repetitive surge current
full cycle; f = 50Hz;
T
J (initial) = 25°C
208
A
full cycle; f = 60Hz;
T
J (initial) = 25°C
250
I2t
I2t Value for fusing
t
p = 8.3ms
260
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =125°C
100
A/μs
I
GTM
Peak gate current
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 125
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage


Podobny numer części - Qxx25R6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX25R6 LITTELFUSE-QXX25R6 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R6 LITTELFUSE-QXX25R6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25R6 LITTELFUSE-QXX25R6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
QXX25R6TP LITTELFUSE-QXX25R6TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R6TP LITTELFUSE-QXX25R6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

Podobny opis - Qxx25R6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com