Zakładka z wyszukiwarką danych komponentów |
|
Qxx25NH6 Arkusz danych(PDF) 2 Page - Littelfuse |
|
Qxx25NH6 Arkusz danych(HTML) 2 Page - Littelfuse |
2 / 11 page © 2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 04/30/16 Teccor® brand Thyristors 25 Amp Standard & Alternistor (High Commutation) Triacs Absolute Maximum Ratings – Standard Triac Symbol Parameter Test Conditions Value Unit I T(RMS) RMS on-state current Qxx25R5 Qxx25N5 T C = 85°C 25 A Qxx25P5 T C = 57°C I TSM Peak non-repetitive surge current Qxx25R5 Qxx25N5 full cycle; f = 50Hz; T J (initial) = 25°C 167 A full cycle; f = 60Hz; T J (initial) = 25°C 200 Qxx25P5 full cycle; f = 50Hz; T J (initial) = 25°C 220 full cycle; f = 60Hz; T J (initial) = 25°C 250 I2t I2t Value for fusing Qxx25R5 Qxx25N5 t p = 8.3ms 166 A2s Qxx25P5 260 di/dt Critical rate-of-rise of on-state current f = 60Hz; T J =125°C 100 A/μs I GTM Peak gate current T J = 125°C 2 A P G(AV) Average gate power dissipation T J = 125°C 0.5 W T stg Storage temperature range -40 to 125 °C T J Operating junction temperature range Qxx25R5 Qxx25N5 -40 to 125 °C Qxx25P5 -25 to 125 Absolute Maximum Ratings – Alternistor Triac Symbol Parameter Test Conditions Value Unit I T(RMS) RMS on-state current Qxx25LH5 Qxx25L6 T C = 65°C 25 A Qxx25K6 Qxx25J6 T C = 85°C Qxx25RH5 Qxx25NH5 Qxx25R6 Qxx25NH6 T C = 95°C I TSM Peak non-repetitive surge current full cycle; f = 50Hz; T J (initial) = 25°C 208 A full cycle; f = 60Hz; T J (initial) = 25°C 250 I2t I2t Value for fusing t p = 8.3ms 260 A2s di/dt Critical rate-of-rise of on-state current f = 60Hz; T J =125°C 100 A/μs I GTM Peak gate current T J = 125°C 2 A P G(AV) Average gate power dissipation T J = 125°C 0.5 W T stg Storage temperature range -40 to 125 °C T J Operating junction temperature range -40 to 125 °C Note: xx = voltage |
Podobny numer części - Qxx25NH6 |
|
Podobny opis - Qxx25NH6 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |