Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS35V-20170 Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części SS35V-20170
Szczegółowy opis  SS Coils, SS35V/H Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS35V-20170 Arkusz danych(HTML) 1 Page - Kemet Corporation

  SS35V-20170 Datasheet HTML 1Page - Kemet Corporation SS35V-20170 Datasheet HTML 2Page - Kemet Corporation SS35V-20170 Datasheet HTML 3Page - Kemet Corporation SS35V-20170 Datasheet HTML 4Page - Kemet Corporation SS35V-20170 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0034_SS35V/H • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 30 mH
• Rated Currents up to 4.5 A
• DCResistancesaslowas0.06Ω
Overview
TheKEMETSSCoils,SS35V/HTypeAClinefiltersareoffered
inawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS35V/H Type
AC Line Filters
57
Common mode
SS35V/H-15300
0.48
SS35V/H-20170
0.28
1.5
2.0
30
17
57.0
58.0
45
45
SS35V/H-25090
0.20
2.5
9
56.0
45
SS35V/H-30082
0.15
3.0
8.2
56.0
45
60.0
61.0
59.0
59.0
SS35V/H-35047
0.10
3.5
4.7
54.0
45
57.0
SS35V/H-40033
0.08
4.0
3.3
52.0
50
55.0
SS35V/H-45022
0.06
4.5
2.2
50.0
50
53.0
• Rated voltage:250VAC
• Withstanding voltage: 2400VAC (2sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: E (120˚C) 
• Operating temperature range (˚C): –25 to T (T=120–temperature rise)
• Inductance measurement condition: 1kHz, 1V, KC530
Shape and Dimensions
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Rated
current
AC(A)
[mm]
Weight approx.(g)
V
H
Numbering System
Series
Core size
Type (V: vertical, H: horizontal)
Rated current (15 stands for 1.5A)
Inductance (300 stands for 30mH)
6—ø1.2
37 max.
21±0.5
26.5 max.
15±0.5
21
2-Reinforcing
terminal
bSS35V
bSS35H
ø1.2
37 max.
30±0.5
35 max.
25±0.5
30
SS 35 V - 15 300
� � �
� �
Frequency characteristic
SS Coils
SS35V/35H Type
[RoHS Compliant]
SS Coils
SS35V/35H Type
[RoHS Compliant]
35047
40033
45022
1M
100K
10K
1K
100
10
1
15300
20170
25090
30082
Frequency (MHz)
1K
10K
100K
1M
10M 30M
1M
100K
10K
1K
100
10
1
Frequency (MHz)
1K
10K
100K
1M
10M 30M
35047
40033
45022
15300
20170
25090
30082
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
6
1
3
6
1
3
61
3
Part Number System
SS
35
V-
15
300
Series
Core Size (mm)
Core Orientation
Rated Current (A)
Minimum Inductance (mH)
SS
35 = 35.0
V- = Vertical
H- = Horizontal
xx = x.x A (e.g., 15 = 1.5 A)
xx0 = xx mH (e.g., 300 = 30 mH)
0xx = x.x mH (e.g., 033 = 3.3 mH)


Podobny numer części - SS35V-20170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MERITEK ELECTRONICS COR...
SS35V100MTA5X5 MERITEK-SS35V100MTA5X5 Datasheet
289Kb / 2P
   Aluminum Electrolytic Capacitors
SS35V100MTR5X5 MERITEK-SS35V100MTR5X5 Datasheet
289Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Podobny opis - SS35V-20170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
   SS Coils, SS11V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
   SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
   SS Coils, SS26V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com