Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7528 Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC7528
Szczegółowy opis  CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7528 Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  DAC7528 Datasheet HTML 1Page - Burr-Brown (TI) DAC7528 Datasheet HTML 2Page - Burr-Brown (TI) DAC7528 Datasheet HTML 3Page - Burr-Brown (TI) DAC7528 Datasheet HTML 4Page - Burr-Brown (TI) DAC7528 Datasheet HTML 5Page - Burr-Brown (TI) DAC7528 Datasheet HTML 6Page - Burr-Brown (TI) DAC7528 Datasheet HTML 7Page - Burr-Brown (TI) DAC7528 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
DAC7528
3
DICE INFORMATION
PAD FUNCTION
PAD FUNCTION
PAD FUNCTION
1VDD
8
RFB A
15
DB4
2VREF B
9VREF B
16
DB3
3RFB B
10
DGND
17
DB2
4
OUTB
11
DAC A/DAC B
18
DB1
5
AGNDB
12
DB7
19
DB0
6
AGNDA
13
DB6
20
CS
7
OUTA
14
DB5
21
WR
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
104 x 124
2.6 x 3.1
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
DAC7528 TOPOGRAPHY
87
6
5
4
3
2
1
21
19
20
18
17
16
15
14
13
12
11
10
9
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
DAC7528P
20-Pin Plastic DIP
222
DAC7528PB
20-Pin Plastic DIP
222
DAC7528U
20-Pin SOIC
221
DAC7528UB
20-Pin SOIC
221
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ORDERING INFORMATION
MODEL
INL
PACKAGE
TEMPERATURE RANGE
DAC7528P
±1LSB
20-Pin Plastic DIP
–40
°C to +85°C
DAC7528PB
±1/2LSB 20-Pin Plastic DIP
–40
°C to +85°C
DAC7528U
±1LSB
20-Pin SOIC
–40
°C to +85°C
DAC7528UB
±1/2LSB
20-Pin SOIC
–40
°C to +85°C
PIN CONFIGURATION
Top View
DIP/SOIC
DAC7528
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
OUT A
R
FB A
V
REF A
DGND
DAC A/DAC B
(MSB) DB7
DB6
DB5
DB4
OUT B
R
FB B
V
REF B
V
DD
WR
CS
DB0 (LSB)
DB1
DB2
DB3
ELECTRICAL, (DICE)
At VDD = +5V; VREFA, B = +10V; IOUT = GND = 0V: T = Full Temperature Range specification under Absolute Maximum Ratings unless otherwise noted.
DAC7528AD
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (1)
Resolution
N
8
Bits
Relative Accuracy
INL
±1
LSB
Differential Nonlinearity
DNL
Guaranteed Monolithic Over Temp
±1
LSB
FS Gain Error (2)
TA = +25°C
±2
LSB
TA = TMIN to TMAX
±4
LSB
Gain Tempco (2, 3)
±2
±35
ppm/
°C
Supply Rejection
PSR
∆V
DD = ±5%, TA = +25°C
0.001
0.01
%FSR/%
TA = TMIN to TMAX
0.001
0.01
%FSR/%
Output Leakage Current (OUTA)
DACA = 0016 TA = +25°C
±50
nA
TA = TMIN to TMAX
±200
nA
Output Leakage Current (OUTB)
DACB = 0016 TA = +25°C
±50
nA
TA = TMIN to TMAX
±200
nA
REFERENCE INPUT
Input Resistance
(VREF A, VREF B)
8
10
15
k
Input Resistance Match
(VREF A, VREF B)
±1%
NOTES: (1) Specifications apply to both DACs. (2) Gain error is measured using internal feedback resistor. Full Scale Range (FSR) = VREF. (3) Guaranteed, but not
tested. (4) These characteristics are for design guidance only and are not subject to test.


Podobny numer części - DAC7528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7512 TI1-DAC7512 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
logo
Burr-Brown (TI)
DAC7512E BURR-BROWN-DAC7512E Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7512E-250 TI1-DAC7512E-250 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7512E-250G4 TI1-DAC7512E-250G4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
More results

Podobny opis - DAC7528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com