Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC08GBC Arkusz danych(PDF) 4 Page - Analog Devices

Numer części DAC08GBC
Szczegółowy opis  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

DAC08GBC Arkusz danych(HTML) 4 Page - Analog Devices

  DAC08GBC Datasheet HTML 1Page - Analog Devices DAC08GBC Datasheet HTML 2Page - Analog Devices DAC08GBC Datasheet HTML 3Page - Analog Devices DAC08GBC Datasheet HTML 4Page - Analog Devices DAC08GBC Datasheet HTML 5Page - Analog Devices DAC08GBC Datasheet HTML 6Page - Analog Devices DAC08GBC Datasheet HTML 7Page - Analog Devices DAC08GBC Datasheet HTML 8Page - Analog Devices DAC08GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
DAC08
–4–
16-Lead Dual-In-Line Package
(Q and P Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VLC
IOUT
V–
IOUT
MSB B1
B2
B3
B4
COMPENSATION
VREF (–)
VREF (+)
V+
B8 LSB
B7
B6
B5
DAC08RC/883 20-Lead LCC
(RC Suffix)
4
5
6
7
8
18
17
16
15
14
20 19
1
2
3
9
10 11 12 13
V–
VREF (+)
NC = NO CONNECT
V+
NC
B8 LSB
B7
IOUT
NC
MSB B1
B2
PIN CONNECTIONS
DICE CHARACTERISTICS
(125
°C Tested Dice Available)
1. V LC
2. IOUT
3. V–
4. IOUT
5. BIT 1 (MSB)
6. BIT 2
7. BIT 3
8. BIT 4
9. BIT 5
10. BIT 6
11. BIT 7
12. BIT 8 (LSB)
13. V+
14. V REF (+)
15. V REF (–)
16. COMP
DIE SIZE 0.087
0.063 inch, 5,270 sq. mils
(2.209
1.60 mm, 3.54 sq. mm)
16-Lead SO
(S Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
VREF (+)
VREF (–)
COMP
VLC
IOUT
V–
IOUT
B8 LSB
B7
B6
B5
B4
B3
B2
B1 MSB


Podobny numer części - DAC08GBC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08 AD-DAC08 Datasheet
68Kb / 1P
   Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
2/2003
DAC08 AD-DAC08 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
More results

Podobny opis - DAC08GBC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com