Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-5120 Arkusz danych(PDF) 7 Page - Broadcom Corporation.

Numer części HCPL-5120
Szczegółowy opis  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOARDCOM [Broadcom Corporation.]
Strona internetowa  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5120 Arkusz danych(HTML) 7 Page - Broadcom Corporation.

Back Button HCPL-5120 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 10Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Broadcom
- 7 -
HCPL-5120, HCPL-5121, and 5962-04204
Data Sheet
Package Characteristics
Package Characteristics
Over recommended operating conditions (TA = –55°C to +125°C) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroupsa
a.
Commercial parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD and Class H parts receive 100% testing at 25°C, 125°C, and –55°C (Subgroups 1 and
9, 2 and 10, 3 and 11, respectively).
Limits
Unit
Fig
Notes
Min
Typb
b.
Typicals at TA = 25°C.
Max
Input-Output Leakage Current
II-O
VI-O = 1500 Vdc, RH ≤ 65%,
t = 5 sec., TA = 25°C
1—
1.0
μA
c, d
c.
This is a momentary withstand test, not an operating condition.
d.
Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
Resistance (Input-Output)
RI-O
VI-O = 500 VDC
1010
—Ω
d
Capacitance (Input-Output)
CI-O
f = 1 MHz
2.5
pF
d


Podobny numer części - HCPL-5120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-5120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com