Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFUSCD30120B Arkusz danych(PDF) 2 Page - Littelfuse

Numer części LFUSCD30120B
Szczegółowy opis  Enhanced surge capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFUSCD30120B Arkusz danych(HTML) 2 Page - Littelfuse

  LFUSCD30120B Datasheet HTML 1Page - Littelfuse LFUSCD30120B Datasheet HTML 2Page - Littelfuse LFUSCD30120B Datasheet HTML 3Page - Littelfuse LFUSCD30120B Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/05/16
SiC Schottky Diode
LFUSCD30120B, 1200 V, 30 A,TO-247 3-lead
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
500600 700800 900100011001200
Reverse Voltage, VR (V)
- 55 °C
25 °C
175 °C
10-4
10-5
10-6
10-7
10-8
10-9
Figure 2:Typical Foward Characteristics
Figure 1:Typical Reverse Characteristics
0
5
10
15
20
25
30
012345
Forward Voltage, VF (V)
- 55 °C
25 °C
100 °C
150 °C
175 °C
Characteristics
Symbol
Conditions
Value (Leg / Device)
Unit
Min.
Typ.
Max.
Forward Voltage
V
F
I
F = 15 A, TJ = 25 °C
-
1.5
1.7
V
I
F = 15 A, TJ = 175 °C
-
2.5
3
Reverse Current
I
R
V
R = 1200 V , TJ = 25 °C
-
45 / 90
375 / 50
μA
V
R = 1200 V , TJ = 175 °C
-
90 / 180
1000 / 2000
Total Capacitive Charge
Q
C
V
R = 600 V, IF = 30 A, di/dt = 250 A/µs
-
60 / 120
-
nC
Total Capacitance
C
V
R = 1 V, f =1 MHz
-
750 / 1500
-
pF
V
R = 300 V, f = 1 MHz
-
75 / 150
-
V
R = 600 V, f = 1 MHz
-
54 / 108
-
Electrical Characteristics
Footnote: T
J = +25 °C unless otherwise specified
Thermal Characteristics
Characteristics
Symbol
Conditions
Value ( Leg/ Device )
Unit
Min.
Typ.
Max.
Thermal Resistance
R
θJC
-
-
-
0.8 / 0.4
°C/W


Podobny numer części - LFUSCD30120B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LFUSCD04065A LITTELFUSE-LFUSCD04065A Datasheet
548Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
More results

Podobny opis - LFUSCD30120B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD04065A LITTELFUSE-LFUSCD04065A Datasheet
548Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
LFUSCD20065B LITTELFUSE-LFUSCD20065B Datasheet
519Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD16065B LITTELFUSE-LFUSCD16065B Datasheet
509Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com