Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-5300 Arkusz danych(PDF) 5 Page - Broadcom Corporation.

Numer części HCPL-5300
Szczegółowy opis  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOARDCOM [Broadcom Corporation.]
Strona internetowa  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5300 Arkusz danych(HTML) 5 Page - Broadcom Corporation.

  HCPL-5300 Datasheet HTML 1Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 2Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5300 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Broadcom
- 5 -
HCPL-5300, HCPL-5301, HCPL-530K, 5962-96852
Data Sheet
Electrical Specifications
Electrical Specifications
Over recommended operating conditions (TA = –55°C to +125°C, VCC = +4.5V to 30V, IF(ON) = 10 mA to 20 mA, VF(OFF) = –5V to 0.8V)
unless otherwise specified.
Parameter
Symbol
Group A
Subgroupsa
a.
Commercial parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD, Class H and K parts receive 100% testing at 25°C, +125°C, and –55°C (Subgroups 1
and 9, 2 and 10, 3 and 11 respectively).
Min
Typb
b.
All typical values at 25°C, VCC = 15V.
Max
Unit
Test Conditions
Fig
Note
Current Transfer Ratio
CTR
1, 2, 3
30
90
%
IF = 10 mA,
VO = 0.6V
c
c.
Current Transfer Ratio in percent is defined as the ratio of output collector current (IO) to the forward LED input current (IF) times 100.
Low Level Output Current
IOL
1, 2, 3
3.0
9.0
mA
IF = 10 mA,
VO = 0.6V
1, 2
Low Level Output Voltage
VOL
1, 2, 3
0.3
0.6
V
IO = 2.4 mA
Input Threshold Current
ITH
1, 2, 3
1.5
5.0
mA
VO = 0.8V,
IO = 0.75 mA
1
d
d.
Use of a 0.1 μF bypass capacitor connected between pins 5 and 8 can improve performance by filtering power supply line noise.
High Level Output Current
IOH
1, 2, 3
5
75
μA
VF = 0.8V
3
High Level Supply Current
ICCH
1, 2, 3
0.6
1.5
mA
VF = 0.8V,
VO = Open
d
Low Level Supply Current
ICCL
1, 2, 3
0.6
1.5
mA
IF = 10 mA,
VO = Open
d
Input Forward Voltage
VF
1, 2, 3
1.0
1.5
1.8
V
IF = 10 mA
4
Temperature Coefficient of
Forward Voltage
ΔVF/ΔTA
–1.6
mV/°C
IF = 10 mA
Input Reverse Breakdown
Voltage
BVR
1, 2, 3
5
V
IR = 100 μA
Input Capacitance
CIN
90
pF
f = 1 MHz,
VF = 0V
Input-Output Insulation
Leakage Current
II-O
1
1.0
μA
RH ≤ 65%,
t = 5 sec,
VI-O = 1500 Vdc,
TA = 25°C
e
e.
Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together.
Resistance (Input-Output)
RI-O
1012
Ω
VI-O = 500 Vdc
e
Capacitance (Input-Output)
CI-O
2.4
pF
f = 1 MHz
e
Internal Pull-up Resistor
RL
1
14
20
28
TA = 25°C
f, g, h
f.
The internal 20 kΩ resistor can be used by shorting pins 6 and 7 together.
g.
Due to the tolerance of the internal resistor, and since propagation delay is dependent on the load resistor value, performance can be improved by using an
external 20 kΩ 1% load resistor. For more information on how propagation delay varies with load resistance, see Figure 8.
h.
The RL = 20 kΩ, CL = 100 pF represents a typical IPM (Intelligent Power Module) load.
Internal Pull-up Resistor
Temperature Coefficient
ΔRL/ΔTA
0.014
kΩ/°C


Podobny numer części - HCPL-5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 AVAGO-HCPL-5300 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300-100 HP-HCPL-5300-100 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Podobny opis - HCPL-5300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com