Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54-94-104MTKPBF Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części 54-94-104MTKPBF
Szczegółowy opis  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

54-94-104MTKPBF Arkusz danych(HTML) 5 Page - Vishay Siliconix

  54-94-104MTKPBF Datasheet HTML 1Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 2Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 3Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 4Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 5Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 6Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 7Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 8Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
54-94-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Jan-14
5
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Current Ratings Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
90
80
70
60
50
100
110
120
130
RMS Output Current (A)
20
40
60
80
120
100
0
94MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
10
100
1000
Instantaneous On-State Voltage (V)
12
4
5
3
0
T
J = 25 °C
94MT..K Series
Per junction
T
J = 125 °C
50
450
350
400
300
250
150
200
100
0
RMS Output Current (A)
30
10
20
40
50
90 100
60
70
80
0
180°
120°
90°
60°
30°
94MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
0
50
350
400
450
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
75
100
125
50
25
0
0.15
K/W
0.3
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W
700
750
650
600
550
500
450
400
350
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
94MT..K Series
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
900
800
700
600
500
400
300
1000
Pulse Train Duration (s)
0.01
0.1
1
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
94MT..K Series
Per junction
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied


Podobny numer części - 54-94-104MTKPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Podobny opis - 54-94-104MTKPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
54MT80KPBF VISHAY-54MT80KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com