Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMMT4401-1L Arkusz danych(PDF) 2 Page - Zetex Semiconductors

Numer części FMMT4401-1L
Szczegółowy opis  SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT4401-1L Arkusz danych(HTML) 2 Page - Zetex Semiconductors

  FMMT4401-1L Datasheet HTML 1Page - Zetex Semiconductors FMMT4401-1L Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCHING CHARACTERISTICS (at Tamb= 25°C )
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS
Turn-On Time
ton
35
ns
VCC=30V, VBE(off)=2V
IC=150mA, IB1=15mA
(See Fig.1)
Turn-Off Time
toff
255
ns
VCC=30V, IC=150mA
IB1=IB2=15mA
(See Fig. 2)
SOT23 NPN SILICON PLANAR
GENERAL PURPOSE TRANSISTORS
ISSUE 4 – FEBRUARY 1997
7
PARTMARKING DETAILS:
FMMT4400 - 1KZ
FMMT4401 - 1L
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6V
Continuous Collector Current
IC
600
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
FMMT4400
FMMT4401
UNIT CONDITIONS
MIN.
MAX.
MIN.
MAX.
Collector-Emitter
Breakdown Voltage
V(BR)CEO
40
40
V IC=1mA, IB=0
Collector-Base
Breakdown Voltage
V(BR)CBO
60
60
V IC=0.1mA, IE=0
Emitter-Base
Breakdown Current
V(BR)EBO
66
V IE=0.1mA, IC=0
Collector-Emitter
Cut-Off Current
ICEX
0.1
0.1
µ
A VCE=35V
VEB(off) =0.4V
Base Cut-Off
Current
IBEX
0.1
0.1
µ
A VCE=35V
VEB(off) =3V
Static Forward
Current
TransferRatio
hFE
20
40
50
20
150
20
40
80
100
40
300
IC=0.1mA, VCE=1V
IC=1mA, VCE=1V
IC=10mA, VCE=1V
IC=150mA, VCE=1V*
IC=500mA, VCE=2V*
Collector-Emitter
Saturation Voltage
VCE(sat)
0.4
0.75
0.4
0.75
V
V
IC=150mA,IB=15mA*
IC=500mA,IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.75
0.95
1.2
0.75
0.95
1.2
V
V
IC=150mA,IB=15mA*
IC=500mA,IB=50mA*
Transition
Frequency
fT
200
250
MHz IC=20mA,VCE=10V
f=100kHz
Output Capacitance Cobo
6.5
6.5
pF VCB=5 V,IE=0
f=100kHz
Input Capacitance
Cibo
30
30
pF VBE=0.5V, IC=0
f=100kHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT4400
FMMT4401
C
B
E
PAGE NUMBER
FMMT4400
FMMT4401
PAGE NUMBER


Podobny numer części - FMMT4401-1L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
FMMT4400 KEXIN-FMMT4400 Datasheet
35Kb / 1P
   General Purpose Transistors
logo
List of Unclassifed Man...
FMMT4402 ETC-FMMT4402 Datasheet
30Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
logo
Zetex Semiconductors
FMMT4402 ZETEX-FMMT4402 Datasheet
33Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
FMMT4402-2K ZETEX-FMMT4402-2K Datasheet
33Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
logo
List of Unclassifed Man...
FMMT4403 ETC-FMMT4403 Datasheet
30Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
More results

Podobny opis - FMMT4401-1L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BC846 ETC-BC846 Datasheet
35Kb / 3P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
BC856 ETC-BC856 Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com