Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDSD0420-H-3R3M Arkusz danych(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Numer części FDSD0420-H-3R3M
Szczegółowy opis  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FDSD0420-H-3R3M Arkusz danych(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  FDSD0420-H-3R3M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FDSD0420-H-3R3M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
4.0 ±0.2mm
W size
4.0 ±0.2mm
T size
2.0 mm
Size code in inch (mm)
1515 (4040)
Rated current (Isat) is specified when the decrease of the initial
inductance value at 30%. (The ambient reference temperature is 20℃.)
Rated current (Itemp) is specified when temperature of inductor the is
raised 40℃ by DC current. (The ambient reference temperature is 20℃.)
Packaging
code
Specifications
Minimum quantity
=P3
φ
330mm Embossed taping
2000
Mass (Typ.)
1 piece
0.164g
Inductance
3.3µH ±20%
Inductance test frequency
0.1MHz
Rated current (Isat) (Based on Inductance change)
3700mA
Rated current (Itemp) (Based on Temperature rise)
2900mA
Max. of DC resistance
0.071Ω
Operating temperature range (Self-temperature rise is included)
-20〜100℃
Class of magnetic shield
Metal Alloy
Absolute maximum voltage
30V DC
Series
FDSD0420
FDSD0420-H-3R3M# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
FDSD0420-H-3R3M=P3
Shape
Notes
References
Specifications
Last updated: 2017/07/18
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Podobny numer części - FDSD0420-H-3R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TOKO, Inc
FDSD0420-H-3R3M TOKO-FDSD0420-H-3R3M Datasheet
261Kb / 1P
   Ideal for DC-DC converter applications
More results

Podobny opis - FDSD0420-H-3R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com