Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G14SE-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74LVC1G14SE-7
Szczegółowy opis  SINGLE SCHMITT-TRIGGER INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14SE-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74LVC1G14SE-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
1 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
SINGLE SCHMITT-TRIGGER INVERTER
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and < 1000 ppm antimony compounds.
Description
The 74LVC1G14 is a single 1-input Schmitt-trigger inverter with a
standard push-pull output. The device is designed for operation with
a power supply range of 1.65V to 5.5V. The inputs are tolerant to
5.5V allowing this device to be used in a mixed voltage environment.
The device is fully specified for partial power down applications using
IOFF. The IOFF circuitry disables the output preventing damaging
current backflow when the device is powered down. The gate
performs the positive Boolean function:
A
Y
Pin Assignments
2
4
5
6
3
1
( Top View )
X2-DFN1410-6
NC
GND
Vcc
Y
NC
A
(Top View)
X2-DFN1010-6
NC
GND
Vcc
Y
NC
A
1
2
34
5
6
NC
Y
Vcc
5
4
3
2
1
SOT25 / SOT353
(Top View )
A
NC
Y
Vcc
SOT553
(Top View )
GND
A
5
4
3
2
1
X2-DFN0808-4
(Top View)
1
2
3
4
5
GND
A
NC
Vcc
Y
Packages not to scale
X2-DFN1409-6
Chip Scale
Alternative
GND
A
Y
NC
NC
Vcc
1
6
5
4
3
2
( Bottom View )
(Top View)
X1-DFN1010-6
N
GN
Vcc
NC
4
6
GND
Features
Wide Supply Voltage Range from 1.65V to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Exceeds JESD 22
o
200-V Machine Model (A115)
o
2000-V Human Body Model (A114)
Latch-Up Exceeds 100mA per JESD 78, Class I
Range of Package Options
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Future
Product
Future
Product


Podobny numer części - 74LVC1G14SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G14SE-7 DIODES-74LVC1G14SE-7 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74LVC1G14SE-7 DIODES-74LVC1G14SE-7 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
More results

Podobny opis - 74LVC1G14SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com