Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G32FS3-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74LVC1G32FS3-7
Szczegółowy opis  SINGLE 2 INPUT POSITIVE OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32FS3-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74LVC1G32FS3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G32
Document number: DS32200 Rev. 8 - 2
1 of 14
www.diodes.com
July 2014
© Diodes Incorporated
74LVC1G32
SINGLE 2 INPUT POSITIVE OR GATE
Description
The 74LVC1G32 is a single 2-input positive OR gate with a standard
push-pull output. The device is designed for operation with a power
supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing
this device to be used in a mixed voltage environment. The device is
fully specified for partial power down applications using IOFF. The IOFF
circuitry disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
+
=
or
B
A
Y
=
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS Low Power Consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs Accept Up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Range of Package Options
Direct Interface with TTL Levels
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide Array of Products Such as.
PCs, Networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-readers
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, set top box
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Podobny numer części - 74LVC1G32FS3-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4 DIODES-74LVC1G32FZ4 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results

Podobny opis - 74LVC1G32FS3-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com