Zakładka z wyszukiwarką danych komponentów |
|
LM350T Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
LM350T Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 21 page LM150, LM350-N, LM350A SNVS772B – MAY 1998 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) (3) Power Dissipation Internally Limited Input-Output Voltage Differential +35V Storage Temperature −65°C to +150°C Metal Package (Soldering, 10 sec.) 300°C Lead Temperature Plastic Package (Soldering, 4 sec.) 260°C ESD Tolerance TBD LM150 −55°C ≤ TJ ≤ +150°C Operating Temperature Range LM350A −40°C ≤ TJ ≤ +125°C LM350 0°C ≤ TJ ≤ +125°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. (2) Refer to RETS150K drawing for military specifications of the LM150K. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. Electrical Characteristics Specifications with standard type face are for TJ= 25°C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise specified, VIN− VOUT= 5V, and IOUT= 10 mA (1) Parameter Conditions LM150 Units Min Typ Max Reference Voltage 3V ≤ (VIN − VOUT) ≤ 35V, 10 mA ≤ IOUT ≤ 3A, P ≤ 30W 1.20 1.25 1.30 V 0.005 0.01 %/V Line Regulation 3V ≤ (VIN − VOUT) ≤ 35V (2) 0.02 0.05 %/V 0.1 0.3 % Load Regulation 10 mA ≤ IOUT ≤ 3A (2) 0.3 1 % Thermal Regulation 20 ms Pulse 0.002 0.01 %/W Adjustment Pin Current 50 100 μA Adjustment Pin Current Change 10 mA ≤ IOUT ≤ 3A, 3V ≤ (VIN − VOUT) ≤ 35V 0.2 5 μA Temperature Stability TMIN ≤ TJ ≤ TMAX 1 % Minimum Load Current VIN − VOUT = 35V 3.5 5 mA VIN − VOUT ≤ 10V 3.0 4.5 A Current Limit VIN − VOUT = 30V 0.3 1 A RMS Output Noise, % of VOUT 10 Hz ≤ f ≤ 10 kHz 0.001 % VOUT = 10V, f = 120 Hz, CADJ = 0 μF 65 dB Ripple Rejection Ratio VOUT = 10V, f = 120 Hz, CADJ = 10 μF 66 86 dB Long-Term Stability TJ = 125°C, 1000 hrs 0.3 1 % Thermal Resistance, Junction to Case NDS Package 1.2 1.5 °C/W Thermal Resistance, Junction to NDS Package 35 °C/W Ambient (No Heat Sink) (1) These specifications are applicable for power dissipations up to 30W for the TO-3 (NDS) package and 25W for the TO-220 (NDE) package. Power dissipation is ensured at these values up to 15V input-output differential. Above 15V differential, power dissipation will be limited by internal protection circuitry. All limits (i.e., the numbers in the Min. and Max. columns) are ensured to AOQL (Average Outgoing Quality Level). (2) Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are covered under the specifications for thermal regulation. 2 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LM150 LM350-N LM350A |
Podobny numer części - LM350T |
|
Podobny opis - LM350T |