Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340-MIL Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM340-MIL
Szczegółowy opis  Wide VIN 1.5-A Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM340-MIL Arkusz danych(HTML) 3 Page - Texas Instruments

  LM340-MIL Datasheet HTML 1Page - Texas Instruments LM340-MIL Datasheet HTML 2Page - Texas Instruments LM340-MIL Datasheet HTML 3Page - Texas Instruments LM340-MIL Datasheet HTML 4Page - Texas Instruments LM340-MIL Datasheet HTML 5Page - Texas Instruments LM340-MIL Datasheet HTML 6Page - Texas Instruments LM340-MIL Datasheet HTML 7Page - Texas Instruments LM340-MIL Datasheet HTML 8Page - Texas Instruments LM340-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
LM340-MIL
www.ti.com
SNOSD64 – JUNE 2017
Product Folder Links: LM340-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
NDS Package
2-Pin TO-3
Top View
NDE Package
3-Pin TO-220
Top View
KTT Package
3-Pin DDPAK/TO-263
Top View
DCY Package
4-Pin SOT-223
Side View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
INPUT
1
I
Input voltage pin
GND
2
I/O
Ground pin
OUTPUT
3
O
Output voltage pin


Podobny numer części - LM340-MIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM340-5.0MDA NSC-LM340-5.0MDA Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340-5.0MDA TI1-LM340-5.0MDA Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Podobny opis - LM340-MIL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com