Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-EL08-UX000 Arkusz danych(PDF) 7 Page - Agilent(Hewlett-Packard)

Numer części HLMP-EL08-UX000
Szczegółowy opis  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-UX000 Arkusz danych(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL08-UX000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL08-UX000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 mA
Amber (
λ
d = 590 nm)
2.02
Orange (
λ
d = 605 nm)
VF
1.98
2.4
V
Red-Orange (
λ
d = 615 nm)
1.94
Red (
λ
d = 626 nm)
1.90
Reverse Voltage
VR
520
V
IF = 100 µA
Peak Wavelength:
Peak of Wavelength of
Amber (
λ
d = 590 nm)
592
Spectral Distribution
Orange (
λ
d = 605 nm)
λ
PEAK
609
nm
at IF = 20 mA
Red-Orange (
λ
d = 615 nm)
621
Red (
λ
d = 626 nm)
635
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power Point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τ
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[1]
Emitted Luminous
Amber (
λ
d = 590 nm)
480
Power/Emitted Radiant
Orange (
λ
d = 605 nm)
η
v
370
lm/W
Power
Red-Orange (
λ
d = 615 nm)
260
Red (
λ
d = 626 nm)
150
Note:
1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in
candelas and
η
v is the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ............................................................ 50 mA
Peak Pulsed Forward Current[2,3] .............................................. 100 mA
Average Forward Current[3] ......................................................... 30 mA
Reverse Voltage (IR = 100 µA) ......................................................... 5 V
LED Junction Temperature .......................................................... 130
°C
Operating Temperature .............................................. -40
°C to +100°C
Storage Temperature .................................................. -40
°C to +120°C
Dip/Drag Soldering Temperature ........................... 260
°C for 6 seconds
Through-the-Wave Preheat Temperature ...................................... 145
°C
Through-the-Wave Solder Temperature ................. 245
°C for 3 seconds
[1.59 mm (0.060 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term performance with minimal light output degradation, drive currents
between 10 mA and 30 mA are recommended. For more information on recommended
drive conditions, please refer to HP Application Brief I-024 (5966-3087E).
3. Please contact your Hewlett-Packard sales representative about operating currents
below 10 mA.
s


Podobny numer części - HLMP-EL08-UX000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-EL08-U1000 BOARDCOM-HLMP-EL08-U1000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL08-U1400 BOARDCOM-HLMP-EL08-U1400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL08-U2000 BOARDCOM-HLMP-EL08-U2000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL08-U2400 BOARDCOM-HLMP-EL08-U2400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL08-U4000 BOARDCOM-HLMP-EL08-U4000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Podobny opis - HLMP-EL08-UX000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com