Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD105113 Arkusz danych(PDF) 5 Page - Taoglas antenna solutions

Numer części TD105113
Szczegółowy opis  Triton 5dBi DSRC 5.9GHz Dipole Terminal Antenna SMA(M) Hinged Connector
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOGLAS [Taoglas antenna solutions]
Strona internetowa  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TD105113 Arkusz danych(HTML) 5 Page - Taoglas antenna solutions

  TD105113 Datasheet HTML 1Page - Taoglas antenna solutions TD105113 Datasheet HTML 2Page - Taoglas antenna solutions TD105113 Datasheet HTML 3Page - Taoglas antenna solutions TD105113 Datasheet HTML 4Page - Taoglas antenna solutions TD105113 Datasheet HTML 5Page - Taoglas antenna solutions TD105113 Datasheet HTML 6Page - Taoglas antenna solutions TD105113 Datasheet HTML 7Page - Taoglas antenna solutions TD105113 Datasheet HTML 8Page - Taoglas antenna solutions TD105113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SPE-16-8-063/A/WY
Page 5 of 33
3. Antenna Characteristics
3.1 Testing setup
In Free Space
Antenna Straight
Antenna Bent
On 15*9cm Ground Plane
Antenna Straight
Antenna Bent


Podobny numer części - TD105113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HALO Electronics, Inc.
TD10-1205ALF HALO-TD10-1205ALF Datasheet
397Kb / 2P
   DIL Package
logo
MORNSUN Science& Techno...
TD100-EX-485-RE MORNSUN-TD100-EX-485-RE Datasheet
470Kb / 3P
   DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
logo
Topstek Inc.
TD100A TOPSTEK-TD100A Datasheet
98Kb / 2P
   Topstek Current Transducers
logo
NTE Electronics
TD100M10 NTE-TD100M10 Datasheet
17Kb / 1P
   SOLID TANTALUM
TD100M16 NTE-TD100M16 Datasheet
17Kb / 1P
   SOLID TANTALUM
More results

Podobny opis - TD105113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TI183113 ETC2-TI183113 Datasheet
823Kb / 22P
   3dBi 868MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinged Connector
logo
Taoglas antenna solutio...
GSA8859A105111 TAOGLAS-GSA8859A105111 Datasheet
2Mb / 23P
   4dBi Adhesive Mini DSRC 5.9GHz Antenna
logo
Molex Electronics Ltd.
2144141001 MOLEX-2144141001_V01 Datasheet
33Kb / 1P
   ISM/DSRC Hinged External Antenna, with SMA Male Connector, White
03/18/2022
2144141001 MOLEX-2144141001 Datasheet
34Kb / 1P
   ISM/DSRC Hinged External Antenna, with SMA Male Connector, White
2144140001 MOLEX-2144140001 Datasheet
34Kb / 1P
   ISM/DSRC Hinged External Antenna, with SMA Male Connector, Black
2144140001 MOLEX-2144140001_V01 Datasheet
33Kb / 1P
   ISM/DSRC Hinged External Antenna, with SMA Male Connector, Black
03/14/2022
2144141011 MOLEX-2144141011 Datasheet
34Kb / 1P
   ISM/DSRC Hinged External Antenna, with RP-SMA Male Connector, White
2144140011 MOLEX-2144140011 Datasheet
34Kb / 1P
   ISM/DSRC Hinged External Antenna, with RP-SMA Male Connector, Black
2144140011 MOLEX-2144140011_V01 Datasheet
33Kb / 1P
   ISM/DSRC Hinged External Antenna, with RP-SMA Male Connector, Black
03/14/2022
2144141011 MOLEX-2144141011_V01 Datasheet
33Kb / 1P
   ISM/DSRC Hinged External Antenna, with RP-SMA Male Connector, White
03/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com