Zakładka z wyszukiwarką danych komponentów |
|
TMP303BDRLT Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TMP303BDRLT Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 22 page Temperature Accuracy (qC) 0 5 10 15 20 25 30 35 40 D003 100kW OUT HYST SET1 HYST SET0 1.4V to 3.6V V S GND SOH Temperature Sensor Hysteresis Logic Trip Point Logic DS ADC Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TMP303 SBOS486G – JULY 2009 – REVISED JULY 2017 TMP303 Easy-To-Use, Low-Power, 1°C, Low-Supply Temperature Range Monitor In Micropackage 1 1 Features 1 • Low Power: 5 μA (Maximum) • SOT-563 Package: 1.60 × 1.60 × 0.6 mm • Trip Point Accuracy: – ±0.2°C (Typical) from –40°C to 125°C • Push-Pull Output • Selectable Hysteresis: 1/2/5/10°C • Supply Voltage Range: 1.4 V to 3.6 V 2 Applications • Battery Charging • Battery Thermal Protection • Consumer Electronics • Enterprise • Telecom 3 Description The TMP303 devices are temperature range monitors that offer design flexibility through an extra small footprint (SOT-563), low power (5 μA maximum) and low supply voltage capability (as low as 1.4 V). These devices require no additional components for operation; each can function independent of microprocessors or microcontrollers. There are seven trip points available see Device Options. Trip points can be programmed at the factory to any desired temperature. For applications that require different values, contact your local TI representative. The OUT pin is a push-pull, active-high output. When the measured temperature is beyond the trip point range, and the Set Output High (SOH) pin is low, the OUT pin is high. The SOH pin is an input pin with an internal pulldown resistor. When the SOH pin is forced high, the OUT pin goes high regardless of the measured temperature. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TMP303 SOT-563 (6) 1.60 mm × 1.20 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. TMP303 Functional Block Diagram Typical Trip Threshold Accuracy at -20°C to 125°C |
Podobny numer części - TMP303BDRLT |
|
Podobny opis - TMP303BDRLT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |