Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3221 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3221
Szczegółowy opis  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA3221 Datasheet HTML 2Page - Texas Instruments TPA3221 Datasheet HTML 3Page - Texas Instruments TPA3221 Datasheet HTML 4Page - Texas Instruments TPA3221 Datasheet HTML 5Page - Texas Instruments TPA3221 Datasheet HTML 6Page - Texas Instruments TPA3221 Datasheet HTML 7Page - Texas Instruments TPA3221 Datasheet HTML 8Page - Texas Instruments TPA3221 Datasheet HTML 9Page - Texas Instruments TPA3221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
VDD can be connected to a supply voltage between 5 V and PVDD. VDD can be connected directly to PVDD, but must not exceed
PVDD voltage.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PVDD
Power-stage supply
DC supply voltage
7
30
31.5
V
VDD(1)
Supply voltage for internal LDO regulator
to supply GVDD and AVDD
DC supply voltage
7
31.5
V
External supply for VDD, GVDD and
AVDD. Internal LDO bypassed
DC supply voltage
4.5
5
5.5
V
AVDD
Supply voltage for analog circuits
DC supply voltage
4.5
5
5.5
GVDD
Supply voltage for gate-drive circuitry
DC supply voltage
4.5
5
5.5
V
RL(BTL)
Load impedance
Output filter inductance within
recommended value range
2.7
4
RL(PBTL)
1.6
3
LOUT(BTL)
Output filter inductance
Minimum output inductance at IOC
5
10
μH
LOUT(PBTL)
Output filter inductance, PBTL before the
LC filter
Minimum output inductance at IOC
5
10
Output filter inductance, PBTL after the
LC filter
Minimum output inductance at half IOC ,
each inductor
5
10
FPWM
PWM frame rate selectable for AM
interference avoidance; 1% Resistor
tolerance
Nominal
384
400
417
kHz
AM1
422
440
458
AM2
480
500
520
R(FREQ_ADJ)
PWM frame rate programming resistor
Nominal; Master mode
9.9
10
10.1
k
AM1; Master mode
29.7
30
30.3
AM2; Master mode
49.5
50
50.5
CPVDD
PVDD close decoupling capacitors
1.0
μF
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
30
k
ROC(LATCHED)
Over-current programming resistor
Resistor tolerance = 5%
47
64
k
V(FREQ_ADJ)
Voltage on FREQ_ADJ pin for slave
mode operation
Slave Mode (Connect to AVDD)
5
V
TJ
Junction temperature
0
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Thermal data are obtained with 85°C heat sink temperature using thermal compound with 0.7W/mK thermal conductivity and 2mil
thickness. In this model heat sink temperature is considered to be the ambient temperature and only path for dissipation is to the
heatsink.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3221
UNIT
DDV 44-PINS HTSSOP
FIXED 85°C HEATSINK TEMPERATURE(2)
RθJA
Junction-to-ambient thermal resistance
2.8(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.5
RθJB
Junction-to-board thermal resistance
n/a
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
n/a
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a


Podobny numer części - TPA3221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Podobny opis - TPA3221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com