Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3221DDVR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3221DDVR
Szczegółowy opis  100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3221DDVR Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3221DDVR Datasheet HTML 1Page - Texas Instruments TPA3221DDVR Datasheet HTML 2Page - Texas Instruments TPA3221DDVR Datasheet HTML 3Page - Texas Instruments TPA3221DDVR Datasheet HTML 4Page - Texas Instruments TPA3221DDVR Datasheet HTML 5Page - Texas Instruments TPA3221DDVR Datasheet HTML 6Page - Texas Instruments TPA3221DDVR Datasheet HTML 7Page - Texas Instruments TPA3221DDVR Datasheet HTML 8Page - Texas Instruments TPA3221DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
TPA3221
SLASEE9 – JUNE 2017
www.ti.com
Product Folder Links: TPA3221
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions
NAME
NO.
I/O
DESCRIPTION
PIN CONFIGURATION
1SPW
11
I
0 = AD, 1 = 1SPW
AD-Mode and 1SPW-Mode PWM
Modulation
AVDD
21
P
AVDD voltage supply
Internal LDO, AVDD and GVDD
Supplies
BST1_M
43
P
OUT1_M HS bootstrap supply (BST), 0.033 μF capacitor to OUT1_M required.
BST capacitors
BST1_P
44
P
OUT1_P HS bootstrap supply (BST), 0.033 μF capacitor to OUT1_P required.
BST capacitors
BST2_M
23
P
OUT2_M HS bootstrap supply (BST), 0.033 μF capacitor to OUT2_M required.
BST capacitors
BST2_P
24
P
OUT2_P HS bootstrap supply (BST), 0.033 μF capacitor to OUT2_P required.
BST capacitors
OTW_CLIP
3
O
Clipping warning and Over-temperature warning; open drain; active low
Error Reporting, Error Reporting
FAULT
4
O
Shutdown signal, open drain; active low
Error Reporting, Error Reporting
FREQ_ADJ
14
O
Oscillator freqency programming pin
Oscillator
GAIN/SLV
2
I
Closed loop gain and master/slave programming pin
Input Configuration, Gain Setting And
Master / Slave Operation
GND
5, 6, 7, 18,
19, 20, 25,
26, 33, 34,
41, 42
P
Ground
GVDD
22
P
Gate drive supply
Internal LDO, AVDD and GVDD
Supplies
IN1_M
9
I
Negative audio input for channel 1
IN1_P
8
I
Positive audio input for channel 1
IN2_M
16
I
Negative audio input for channel 2
IN2_P
15
I
Positive audio input for channel 2
CMUTE
17
P
Mute and Startup Timing Capacitor
Device Reset
OSCM
12
I/O
Oscillator synchronization interface
Input Configuration, Gain Setting And
Master / Slave Operation
OSCP
13
I/O
Oscillator synchronization interface
Input Configuration, Gain Setting And
Master / Slave Operation
OUT1_M
35
O
Negative output for channel 1
OUT1_P
39, 40
O
Positive output for channel 1
OUT2_M
27, 28
O
Negative output for channel 2
OUT2_P
32
O
Positive output for channel 2
PVDD
29, 30, 31,
36, 37, 38
P
PVDD supply
PVDD Capacitor Recommendation,
PVDD Supply
RESET
10
I
Device reset Input; active low
Fault Handling, Powering Up,
Powering Down
VDD
1
P
Input power supply
Internal LDO, VDD Supply
PowerPad™
P
Ground, connect to grounded heat sink
Table 1. Mode Selection Pins
MODE PINS
INPUT MODE
OUTPUT
CONFIGURATION
DESCRIPTION
IN2_M
IN2_P
1SPW
X
X
0
1N/2N + 1
2 × BTL
Stereo, BTL output configuration, AD mode modulation
X
X
1
1N/2N + 1
2 × BTL
Stereo, BTL output configuration, 1SPW mode modulation
0
0
0
1N/2N + 1
1 x PBTL
Mono, Parallelled BTL configuration. Connect OUT1_P to OUT2_P
and OUT1_M to OUT2_M, AD mode modulation
0
0
1
1N/2N + 1
1 x PBTL
Mono, Parallelled BTL configuration. Connect OUT1_P to OUT2_P
and OUT1_M to OUT2_M, 1SPW mode modulation


Podobny numer części - TPA3221DDVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3221 TI-TPA3221 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Podobny opis - TPA3221DDVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3223 TI-TPA3223 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5634 TI1-TAS5634 Datasheet
1Mb / 52P
[Old version datasheet]   300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
logo
NXP Semiconductors
TFA9882 NXP-TFA9882 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
logo
Texas Instruments
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com